Electronic Components Datasheet Search
  English  ▼

X  

DH Datasheet(PDF) 1 Page - AIC tech Inc.

Part # DH
Description  Useful of 5,000 hours at 105ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

DH Datasheet(HTML) 1 Page - AIC tech Inc.

  DH Datasheet HTML 1Page - AIC tech Inc. DH Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Environmental code
Plate code
Case height code
Case dia code
Terminal code
Capacitance tolerance code
Capacitance code
Rated voltage code
(Example) DH Series 400V 100
μF ±20%
DH 2G 101 M C X
WP
S2
EC
Type of
series
DH Series
• Conform RoHS
Features
• Suited to high frequency Charge-Discharge use for
AC servomoter, general inverter.
Product Specifications
A continuous load should be avoided over 10 A at the
terminal in accordance with the permissible current.
Product code
Ripple current correction coefficient
Temperature (
℃)
60
70
85
105
Correction coefficient
1.9
1.7
1.4
1.0
Frequency (Hz)
50 / 60
120
300
1K
≧10K
Correction coefficient
0.7
1.0
1.1
1.3
1.4
Snap Lock Terminal
PET Sleeve
Case vent
10
φD±14.0±0.5
L
±2
Plate less
(Unit : mm)
Dimensions
Items
Specifications
Temperature range
−25℃∼ +105℃
Rated voltage
400
∼ 450V.DC
Capacitance tolerance
±20%(20℃,120Hz)
Leakage current
0.02CV (
μA) or 3mA, whichever is smaller or less(20℃,after 5 minutes)
[C = nominal capacitance (μF), V = rated voltage (V)]
Dissipation factor
Less than the value specified in the standard products table.
(20℃,120Hz)
Permissible ripple current
As specified in the standard product table.
(105℃,120Hz)
Endurance
After the rated voltage with specified ripple current is applied at 105
℃ for 3,000 hours :
Capacitance change : Within
±20% of the initial value measured
Dissipation factor
: 200% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Shelf life
The following specification shall be meet when the capacitor are restored to 20
℃ after storage of 500 hours
at 105
℃ with no voltage applied. Before the measurement, the capacitor shall be preconditioned by applying
the voltage treatment according to Item 4.1 of JIS C 5101-4.
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: 175% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Endurance of charge-
discharge behavior
After an application of charge-discharge voltage for 100 million times (charge-discharge (
ΔV) = 150V, cycle 6Hz)
at 40
℃,following requirements must be met.
Capacitance change : Within
±20% of the initial value measured
Dissipation factor
: 200% or less than the initial value specified
Leakage current
: Less than or equal to the initial value specified
Others
J
ⅠS C 5101-4
Refer to page 118-119 for other terminal shape available on request.
ZL
→
P.132
Charge-discharge
DH


Similar Description - DH

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
GX2 AICTECH-GX2 Datasheet
65Kb / 2P
Useful of 8,000 hours at 105ºC
HCG7A AICTECH-HCG7A Datasheet
68Kb / 3P
Useful of 4,000 hours at 105ºC
RIDOHL AICTECH-RIDOHL Datasheet
817Kb / 3P
Useful of 5,000 hours at 105ºC
RIDOHU AICTECH-RIDOHU Datasheet
820Kb / 3P
Useful of 2,000 hours at 105ºC
UW AICTECH-UW Datasheet
67Kb / 2P
Useful of 2,000 hours at 105ºC
ZL AICTECH-ZL Datasheet
90Kb / 4P
Useful of 5,000 hours at 105ºC
ZLR AICTECH-ZLR Datasheet
67Kb / 2P
Useful of 5,000 hours at 105ºC
ZR AICTECH-ZR Datasheet
67Kb / 2P
Useful of 5,000 hours at 105ºC
VG1E154YD094 AICTECH-VG1E154YD094 Datasheet
91Kb / 6P
Useful of 4,000 hours at 105ºC
VGL AICTECH-VGL Datasheet
83Kb / 3P
Useful of 8,000 hours at 105ºC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com