Electronic Components Datasheet Search
  English  ▼

X  

DH Datasheet(PDF) 2 Page - AIC tech Inc.

Part # DH
Description  Useful of 5,000 hours at 105ºC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

DH Datasheet(HTML) 2 Page - AIC tech Inc.

  DH Datasheet HTML 1Page - AIC tech Inc. DH Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
DH Series
Life time graph
 Useful life depending on ambient temperature Ta and ripple current operating conditionsⅠversus rated ripple current at 105℃,120Hz
1,000
10,000
100,000
1,000,000
0
0.5
1
1.5
2
Ripple Current of Diminishing Ratio
(Ⅰ/Ⅰr, 105℃)
Ta=105
℃
Ta=85
℃
Ta=70
℃
Ta=60
℃
Series
DH
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
400
100
22
×25
0.20
0.70
1,100
DH2G101MCXS2WPEC
120
22
×30
0.20
0.82
920
DH2G121MCXS3WPEC
25
×25
0.20
0.81
920
DH2G121MCYS2WPEC
150
22
×35
0.20
0.96
730
DH2G151MCXS4WPEC
180
22
×40
0.20
1.09
610
DH2G181MCXS5WPEC
25
×30
0.20
1.04
610
DH2G181MCYS3WPEC
220
22
×45
0.20
1.25
500
DH2G221MCXS6WPEC
25
×35
0.20
1.21
500
DH2G221MCYS4WPEC
30
×25
0.20
1.15
500
DH2G221MCZS2WPEC
270
22
×50
0.20
1.44
410
DH2G271MCXS7WPEC
25
×40
0.20
1.39
410
DH2G271MCYS5WPEC
30
×30
0.20
1.34
410
DH2G271MCZS3WPEC
35
×25
0.20
1.32
410
DH2G271MCAS2WPEC
330
25
×45
0.20
1.60
330
DH2G331MCYS6WPEC
30
×35
0.20
1.55
330
DH2G331MCZS4WPEC
390
30
×40
0.20
1.76
280
DH2G391MCZS5WPEC
35
×30
0.20
1.67
280
DH2G391MCAS3WPEC
470
30
×45
0.20
2.00
230
DH2G471MCZS6WPEC
35
×35
0.20
1.91
230
DH2G471MCAS4WPEC
560
30
×50
0.20
2.25
200
DH2G561MCZS7WPEC
35
×40
0.20
2.17
200
DH2G561MCAS5WPEC
680
35
×45
0.20
2.47
160
DH2G681MCAS6WPEC
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
105
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
450
82
22
×25
0.20
0.64
1,220
DH2W820MCXS2WPEC
100
22
×30
0.20
0.75
1,000
DH2W101MCXS3WPEC
25
×25
0.20
0.74
1,000
DH2W101MCYS2WPEC
120
22
×35
0.20
0.86
830
DH2W121MCXS4WPEC
25
×30
0.20
0.85
830
DH2W121MCYS3WPEC
150
22
×40
0.20
1.00
660
DH2W151MCXS5WPEC
25
×35
0.20
1.00
660
DH2W151MCYS4WPEC
30
×25
0.20
0.95
660
DH2W151MCZS2WPEC
180
22
×45
0.20
1.13
550
DH2W181MCXS6WPEC
25
×35
0.20
1.09
550
DH2W181MCYS4WPEC
220
25
×45
0.20
1.30
450
DH2W221MCYS6WPEC
30
×30
0.20
1.21
450
DH2W221MCZS3WPEC
35
×25
0.20
1.19
450
DH2W221MCAS2WPEC
270
25
×50
0.20
1.49
370
DH2W271MCYS7WPEC
30
×35
0.20
1.41
370
DH2W271MCZS4WPEC
35
×30
0.20
1.39
370
DH2W271MCAS3WPEC
330
30
×40
0.20
1.62
300
DH2W331MCZS5WPEC
35
×35
0.20
1.60
300
DH2W331MCAS4WPEC
390
30
×50
0.20
1.88
260
DH2W391MCZS7WPEC
35
×40
0.20
1.81
260
DH2W391MCAS5WPEC
470
35
×45
0.20
2.05
210
DH2W471MCAS6WPEC
560
35
×50
0.20
2.31
180
DH2W561MCAS7WPEC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com