Electronic Components Datasheet Search
  English  ▼

X  

AD7678 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7678
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7678 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7678 Datasheet HTML 8Page - Analog Devices AD7678 Datasheet HTML 9Page - Analog Devices AD7678 Datasheet HTML 10Page - Analog Devices AD7678 Datasheet HTML 11Page - Analog Devices AD7678 Datasheet HTML 12Page - Analog Devices AD7678 Datasheet HTML 13Page - Analog Devices AD7678 Datasheet HTML 14Page - Analog Devices AD7678 Datasheet HTML 15Page - Analog Devices AD7678 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD7612
Rev. 0 | Page 12 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = DVDD = 5 V; OVDD = 5 V; VCC = 15 V; VEE = −15 V; VREF = 5 V; TA = 25°C.
1.5
–1.5
0
65536
CODE
–1.0
–0.5
0
0.5
1.0
16384
32768
49152
Figure 5. Integral Nonlinearity vs. Code
180
0
–1.0
1.0
INL DISTRIBUTION (LSB)
160
140
120
100
80
60
40
20
–0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
NEGATIVE INL
POSITIVE INL
Figure 6. Integral Nonlinearity Distribution (239 Devices)
200k
20k
0
7FFE
8006
CODE IN HEX
40k
60k
80k
100k
120k
140k
160k
180k
7FFF 8000
8001
8002
8003
8004
8005
00
15
93
0
0
σ = 0.55
181942
47749
31321
Figure 7. Histogram of 261,120 Conversions of a DC Input
at the Code Center
1.5
–1.0
0
65536
CODE
0
0.5
16384
32768
49152
1.0
–0.5
Figure 8. Differential Nonlinearity vs. Code
180
0
–1.0
1.0
DNL DISTRIBUTION (LSB)
160
140
120
100
80
60
40
20
–0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
NEGATIVE DNL
POSITIVE DNL
Figure 9. Differential Nonlinearity Distribution (239 Devices)
140k
0
7FFE
8007
8006
CODE IN HEX
40k
60k
80k
100k
7FFF 8000 8001 8002 8003 8004 8005
20k
120k
00
01
1232
0
0
917
σ = 0.52
130570
128400
Figure 10. Histogram of 261,120 Conversions of a DC Input
at the Code Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com