Electronic Components Datasheet Search
  English  ▼

X  

AD7678 Datasheet(PDF) 32 Page - Analog Devices

Part # AD7678
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7678 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7678 Datasheet HTML 24Page - Analog Devices AD7678 Datasheet HTML 25Page - Analog Devices AD7678 Datasheet HTML 26Page - Analog Devices AD7678 Datasheet HTML 27Page - Analog Devices AD7678 Datasheet HTML 28Page - Analog Devices AD7678 Datasheet HTML 29Page - Analog Devices AD7678 Datasheet HTML 30Page - Analog Devices AD7678 Datasheet HTML 31Page - Analog Devices AD7678 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
AD7612
Rev. 0 | Page 32 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BBC
TOP VIEW
(PINS DOWN)
1
12
13
25
24
36
37
48
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
1.60
MAX
0.75
0.60
0.45
VIEW A
PIN 1
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
7°
3.5°
0°
0.15
0.05
9.20
9.00 SQ
8.80
7.20
7.00 SQ
6.80
Figure 47. 48-Lead Low Profile Quad Flat Package [LQFP]
(ST-48)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VKKD-2
PIN 1
INDICATOR
TOP
VIEW
6.75
BSC SQ
7.00
BSC SQ
1
48
12
13
37
36
24
25
5.25
5.10 SQ
4.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12° MAX
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
5.50
REF
0.05 MAX
0.02 NOM
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
SEATING
PLANE
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
PADDLE CONNECTED TO VEE.
THIS CONNECTION IS NOT
REQUIRED TO MEET THE
ELECTRICAL PERFORMANCES.
Figure 48. 48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
7 mm × 7 mm Body, Very Thin Quad
(CP-48-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7612BCPZ1
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-48-1
AD7612BCPZ-RL1
−40°C to +85°C
48-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
CP-48-1
AD7612BSTZ1
−40°C to +85°C
48-Lead Low Profile Quad Flat Package (LQFP)
ST-48
AD7612BSTZ-RL1
−40°C to +85°C
48-Lead Low Profile Quad Flat Package (LQFP)
ST-48
EVAL-AD7612CB2
Evaluation Board
EVAL-CONTROL BRD33
Controller Board
1 Z = Pb-free part.
2 This board can be used as a standalone evaluation board or in conjunction with the EVAL-CONTROL BRD3 for evaluation/demonstration purposes.
3 This board allows a PC to control and communicate with all Analog Devices. evaluation boards ending with the CB designators.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06265-0-10/06(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com