Electronic Components Datasheet Search
  English  ▼

X  

EM25TP Datasheet(PDF) 4 Page - 3M Electronics

Part # EM25TP
Description  3M™ Flux Field Directional Material (FFDM) EM25TP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EM25TP Datasheet(HTML) 4 Page - 3M Electronics

  EM25TP Datasheet HTML 1Page - 3M Electronics EM25TP Datasheet HTML 2Page - 3M Electronics EM25TP Datasheet HTML 3Page - 3M Electronics EM25TP Datasheet HTML 4Page - 3M Electronics EM25TP Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M™ Flux Field Directional Material (FFDM) EM25TP
Figure 1. Real and Imaginary Part of Permeability with Frequency
Storage and Shelf Life
The shelf life of 3M™ Flux Field Directional Material EM25TP is 12 months from the date of manufacture when stored in
the original packaging materials and stored at 21°C (70°F) and 50% relative humidity.
Certificate of Analysis (COA)
The 3M Certificate of Analysis (COA) for this product is established when the product is commercially available from
3M. The commercially available product will have a COA specification established. The COA contains the 3M
specifications and test methods for the products performance limits that the product will be supplied against. The 3M
product is supplied to 3M COA test specifications and the COA test methods. Contact your local 3M representative for
this product’s COA.
Final product specifications and testing methods will be outlined in the products Certificate of Analysis (COA) that is
shipped with the commercialized product.
1
10
100
1000
0
25
50
75
100
125
150
175
200
225
250
275
r''
Frequency [MHz]
r'
3M FFDM EM25TP
Frequency (MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com