Electronic Components Datasheet Search
  English  ▼

X  

EM25TP Datasheet(PDF) 1 Page - 3M Electronics

Part # EM25TP
Description  3M™ Flux Field Directional Material (FFDM) EM25TP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EM25TP Datasheet(HTML) 1 Page - 3M Electronics

  EM25TP Datasheet HTML 1Page - 3M Electronics EM25TP Datasheet HTML 2Page - 3M Electronics EM25TP Datasheet HTML 3Page - 3M Electronics EM25TP Datasheet HTML 4Page - 3M Electronics EM25TP Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3M™ Flux Field Directional Material (FFDM) EM25TP
Product Description
3M™ Flux Field Directional Material (FFDM) EM25TP is a composite material consisting of a carrier resin, magnetic fillers and
an optional acrylic pressure sensitive adhesive (PSA) and optional Black PET top film layer. This magnetic material is
designed to interact and influence an Electro-Magnetic (EM) field. The EM field could be generated for various reasons
and in many applications it is desired to focus the EM field across a specific volumetric area, such as a secondary EM
field pick-up coil or antenna in a frequency range of below 5-10 MHz typically.
The 3M FFDM EM25TP uses in the frequency range above the 5-10 MHz range is typically as an EMI EM field absorber
as the higher loss (u”) characteristics of the 3M FFDM EM25TP provide for excellent EM field reduction.
3M FFDM EM25TP is designed to efficiently couple to the EM field and redirect and focus the field as desired in a given
application or to provide EM absorbing.
Key Features
•
Targeted permeability for < 5-10MHz FFDM performance for EM field coupling.
•
EMI absorber performance for frequencies above 5-10 MHz.
•
Absorbing performance from 100MHz to 4 GHz
•
Multiple thickness options
•
Black PET protection tape cover film (optional)
•
Pressure sensitive acrylic adhesive (optional)
•
Supplied on a removable liner for ease handling
3M™ Flux Field Directional Material (FFDM) EM25TP
Technical Data | June 2022
Composite Magnetic FFDM Layer
PET Film Release Liner
Acrylic Adhesive (Optional)
Black PET Film (Optional)


Similar Part No. - EM25TP

ManufacturerPart #DatasheetDescription
logo
EPCOS
EM2500XS EPCOS-EM2500XS Datasheet
123Kb / 4P
Surge arrester 2-electrode arrester
logo
Eaton All Rights Reserv...
EM2505 EATON-EM2505 Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM250502V EATON-EM250502V Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM250503V EATON-EM250503V Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
EM250504V EATON-EM250504V Datasheet
2Mb / 11P
EuroMag Series PCB Mount Terminal Blocks
More results

Similar Description - EM25TP

ManufacturerPart #DatasheetDescription
logo
3M Electronics
GM110 3M-GM110 Datasheet
37Kb / 4P
3M™ Gripping Material
Oct-2009
logo
AverLogic Technologies ...
AL422B AVERLOGIC-AL422B_V01 Datasheet
1Mb / 20P
3M-Bits FIFO Field Memory
logo
3M Electronics
RFIC10 3M-RFIC10 Datasheet
100Kb / 3P
3M Flux Field Directional Materials RFIC Series
May-2015
PM4 3M-PM4 Datasheet
347Kb / 2P
3M Fire Barrier Packing Material PM4
FVT30 3M-FVT30 Datasheet
132Kb / 5P
3M™ Durable Tire Label Material FVT30
Dec-2007
7903 3M-7903 Datasheet
201Kb / 8P
3M??Sheet Label Material 7903
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com