Electronic Components Datasheet Search
  English  ▼

X  

87777 Datasheet(PDF) 1 Page - Belden Inc.

Part # 87777
Description  Audio, Control & Instrument, #22-3pr, FEP, Indiv. Foil, PVDF Jkt, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

87777 Datasheet(HTML) 1 Page - Belden Inc.

  87777 Datasheet HTML 1Page - Belden Inc. 87777 Datasheet HTML 2Page - Belden Inc. 87777 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 87777
Audio, Control & Instrument, #22-3pr, FEP, Indiv. Foil, PVDF Jkt, CMP
Product Description
Audio, Control & Instrument Cable, 22 AWG stranded (7x30) tinned copper conductor, FEP insulation, twisted pairs individually shielded with Beldfoil® (100%
coverage), overall jacket per table below, 22 AWG stranded tinned copper drain wire.
Technical Specifications
Product Overview
Suitable Applications:
extreme high temperature environments; chemical resistant; outdoor and burial applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …);
line level audio; voice communications; panel wiring
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Pairs
22
7x30
TC - Tinned Copper 0.03 in
3
Conductor Count:
6
Insulation
Material
Nominal Wall Thickness
FEP - Fluorinated Ethylene Propylene 0.01 in
Color Chart
Number
Color
1
Black & Red
2
Black & White
3
Black & Green
Inner Shield
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape Bi-Laminate (Alum+Poly) Beldfoil® (Z-Fold®)
100%
TC - Tinned Copper 22
Stranded
Outer Shield
Material
Drainwire AWG
No Shield 22
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
PVDF - Polyvinylidene Fluoride 0.234 in
0.014 in
Electrical Characteristics
Conductor DCR
Individual Pair Nominal Shield DCR Max. Conductor DCR
11.3 Ohm/1000ft
160 Ohm/km
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield


Similar Part No. - 87777

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8777 ETC2-8777 Datasheet
34Kb / 4P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
8777 ETC2-8777 Datasheet
81Kb / 1P
Indibidually shielded 22 AWG, 3 Pairs High Flex
logo
Belden Inc.
8777 BELDEN-8777 Datasheet
255Kb / 3P
Audio, Control & Instrument, #22-3pr, PO, Indiv. Foil, PVC Jkt, CM
logo
3M Electronics
8777 3M-8777 Datasheet
137Kb / 5P
3M™ Sealing Tape 8777
Jun-2011
logo
Belden Inc.
8777.001000 BELDEN-8777.001000 Datasheet
255Kb / 3P
Audio, Control & Instrument, #22-3pr, PO, Indiv. Foil, PVC Jkt, CM
More results

Similar Description - 87777

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8777 BELDEN-8777 Datasheet
255Kb / 3P
Audio, Control & Instrument, #22-3pr, PO, Indiv. Foil, PVC Jkt, CM
88777 BELDEN-88777 Datasheet
250Kb / 3P
Audio, Control & Instrument, #22-3pr, FEP, Indiv. Foil, FEP Jkt, CMP
82723 BELDEN-82723 Datasheet
185Kb / 2P
Audio, Control & Instrument, #22-2pr, FEP, Indiv. Foil, LS-PVC Jkt, CMP
01-20-2023
82777 BELDEN-82777 Datasheet
159Kb / 2P
Audio, Control & Instrument, #22-3pr, FEP, Indiv. Foil, LS-PVC Jkt, CMP
01-20-2023
82778 BELDEN-82778 Datasheet
157Kb / 2P
Audio, Control & Instrument, #22-6pr, FEP, Indiv. Foil, LS-PVC Jkt, CMP
05-05-2023
87778 BELDEN-87778 Datasheet
158Kb / 2P
Audio, Control & Instrument, #22-6pr, FEP, Indiv. Foil, PVDF Jkt, CMP
01-20-2023
8777LS BELDEN-8777LS Datasheet
217Kb / 2P
Audio, Control & Instrument, #22-3pr, PP, Indiv. Foil, LSZH Jkt, SWA
03-04-2023
8777NH BELDEN-8777NH Datasheet
158Kb / 2P
Audio, Control & Instrument, #22-3pr, PP, Indiv. Foil, LSZH Jkt
01-20-2023
88723 BELDEN-88723 Datasheet
179Kb / 2P
Audio, Control & Instrument, #22-2pr, FEP, Indiv. Foil, FEP Jkt, CMP
04-19-2023
88778 BELDEN-88778 Datasheet
180Kb / 2P
Audio, Control & Instrument, #22-6pr, FEP, Indiv. Foil, FEP Jkt, CMP
04-24-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com