Electronic Components Datasheet Search
  English  ▼

X  

87777 Datasheet(PDF) 2 Page - Belden Inc.

Part # 87777
Description  Audio, Control & Instrument, #22-3pr, FEP, Indiv. Foil, PVDF Jkt, CMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

87777 Datasheet(HTML) 2 Page - Belden Inc.

  87777 Datasheet HTML 1Page - Belden Inc. 87777 Datasheet HTML 2Page - Belden Inc. 87777 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
31 pF/ft
67 pF/ft
Inductance
Nominal Inductance
0.18 µH/ft
Impedance
Nominal Characteristic Impedance
50 Ohm
Delay
Max. Delay Skew Nominal Delay Nominal Velocity of Propagation (VP) [%]
69 ns/100m
1.47 ns/ft
69%
Current
Max. Recommended Current [A]
3.5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
Operating Temperature
Range:
-20°C To +150°C
Mechanical Characteristics
Bulk Cable Weight:
36 lbs/1000ft
Max. Pull Tension:
82 lbs
Min. Bend Radius/Minor Axis: 2.5 in
Standards
NEC/(UL) Compliance:
CMP
CEC/C(UL) Compliance:
CMP
Applicable Environmental and Other Programs
EU Directive 2000/53/EC
(ELV):
Yes
EU Directive 2003/96/EC
(BFR):
Yes
EU Directive 2011/65/EU
(RoHS 2):
Yes
EU Directive 2012/19/EU
(WEEE):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
MII Order #39 (China RoHS):
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
NFPA 262 Plenum Flame Test (UL910)
CSA Flammability:
FT6
UL voltage rating:
300 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Related Part Numbers
Non-Plenum Number:
8777
Variants
Item #
Color
UPC
87777 0021000 Red
612825216209
87777 002500
Red
612825216216



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com