Electronic Components Datasheet Search
  English  ▼

X  

MPC106ARXTGPNS/D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC106ARXTGPNS/D
Description  PowerPC RISC Support and Peripheral Chips: MPC106 Part Number Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC106ARXTGPNS/D Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC106ARXTGPNS/D Datasheet HTML 1Page - NXP Semiconductors MPC106ARXTGPNS/D Datasheet HTML 2Page - NXP Semiconductors MPC106ARXTGPNS/D Datasheet HTML 3Page - NXP Semiconductors MPC106ARXTGPNS/D Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
MPC106 Part Number Specifications
Electrical and Thermal Characteristics
1.4.1 DC Electrical Characteristics
The following table describes the changed thermal operating conditions for the MPC106 part numbers
described herein.
1.4.2.1 Clock AC Specifications
The following tables provides the revised VCO AC timing specifications for the parts described herein.
Assume Vdd = AVdd = 3.3 ± 5% V dc, OVdd = 3.3 ± 5% V dc, GND = 0 V dc, and -40
≤ T
j ≤ 105 °C.
1.8.1 PLL Configuration
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Value
Unit
Junction temperature
Tj
-40 to 105
ºC
Note: Parts with TG suffix only.
Table 6. Clock AC Timing Specifications
Num
Characteristic
SYSCLK/Core
33/66 MHz
SYSCLK/Core
33/83.3 MHz
Unit
Min
Max
Min
Max
—
60x processor bus (core) frequency
16.67
66
16.67
83.3
MHz
—
VCO frequency
150
400
150
400
MHz
—
SYSCLK frequency
16.67
33.33
16.67
33.33
MHz
1
SYSCLK cycle time
30.0
60.0
30.0
60.0
ns
2, 3
SYSCLK rise and fall time
—
2.0
—
2.0
ns
4
SYSCLK duty cycle measured at 1.4 V
40
60
40
60
%
—
SYSCLK jitter
—
±200
—
±200
ps
—
106 internal PLL relock time
—
100
—
100
µs
Table 11. PLL Configuration
PLL[0–3]1
Core/SYSCL
K Ratio
VCO
Multiplier
Core Frequency (VCO Frequency) in MHz
PCI Bus
16.6 MHz
PCI Bus
20 MHz
PCI Bus
25 MHz
PCI Bus
33.3 MHz
0010
1:1
x8
—
—
—
33.3 (266)
0101
2:1
x4
—
40 (160)
50 (200)
66.6 (266)
0110
5:2 2
x2
—
—
—
83.3 (166)
0111
5:2 2
x4
41.6 (166)
50 (200)
62.5 (250)
83.3 (333)
1000
3:1
x2
—
—
75 (150)
—



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com