Electronic Components Datasheet Search
  English  ▼

X  

MPC106ARXTGPNS/D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC106ARXTGPNS/D
Description  PowerPC RISC Support and Peripheral Chips: MPC106 Part Number Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC106ARXTGPNS/D Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC106ARXTGPNS/D Datasheet HTML 1Page - NXP Semiconductors MPC106ARXTGPNS/D Datasheet HTML 2Page - NXP Semiconductors MPC106ARXTGPNS/D Datasheet HTML 3Page - NXP Semiconductors MPC106ARXTGPNS/D Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPC106 Part Number Specifications
3
Ordering Information
1.10 Ordering Information
The following table provides the ordering information for the extended temperature MPC106 part numbers
described herein.
1001
3:1
x4
—
60 (240)
75 (300)
—
0011
PLL-bypass 3
PLL off
SYSCLK clocks core circuitry directly
1x core/SYSCLK ratio implied
1111
Clock off 4
PLL off
no core clocking occurs
Notes:
1 PLL[0–3] settings not listed are reserved. Some PLL configurations may select bus, CPU, or VCO frequencies
which are not useful, not supported, or not tested. See Section 1.4.2.1, “Clock AC Specifications,” for valid
SYSCLK and VCO frequencies.
2 5:2 clock modes are only supported by MPC106 Rev 4.0; earlier revisions do not support 5:2 clock modes.
The 5:2 modes require a 60x bus clock applied to the 60x clock phase (LBCLAIM) configuration input signal
during power-on reset, hard reset, and coming out of sleep and suspend power-saving modes.
3 In PLL-bypass mode, the SYSCLK input signal clocks the internal circuitry directly, the PLL is disabled, and
the core/SYSCLK ratio is set for 1:1 mode operation. This mode is intended for factory use and third-party tool
vendors only. Note also: The AC timing specifications given in this document do not apply in PLL-bypass
mode.
4 In clock-off mode, no clocking occurs inside the MPC106 regardless of the SYSCLK input.
Table 12. Ordering Information for the PowerPC 106
Package
Type
Device
Rev
Process
CPU
Frequency
(MHz)
Motorola
Part Number
304
CBGAP
4.0
PPC1.4
66, 83
MPC106ARXTG
Table 11. PLL Configuration (Continued)
PLL[0–3]1
Core/SYSCL
K Ratio
VCO
Multiplier
Core Frequency (VCO Frequency) in MHz
PCI Bus
16.6 MHz
PCI Bus
20 MHz
PCI Bus
25 MHz
PCI Bus
33.3 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com