Electronic Components Datasheet Search
  English  ▼

X  

MLC2 Datasheet(PDF) 3 Page - AIC tech Inc.

Part # MLC2
Description  Cylindrically-Shaped Metallized Polypropylene Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

MLC2 Datasheet(HTML) 3 Page - AIC tech Inc.

  MLC2 Datasheet HTML 1Page - AIC tech Inc. MLC2 Datasheet HTML 2Page - AIC tech Inc. MLC2 Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POWER ELECTRONICS USE PLASTIC FILM CAPACITORS
Rated d.c voltage
U N : 900Vdc
Max.ripple voltage
U r : 200V Non repetitive surge voltage U S : 1,350V
Voltage test between terminals
U TT : 1,350Vdc/10s Voltage test terminals to case. U TC : 3,200Vac/10s
Nominal
Capacitance
C N
〔μF〕
Dimensions
Maximum ripple
current (Arms)
I max*
〔Arms / at50
1k ~ 10kHz
〕
Maximum
peak
current
Î
〔kA〕
Maximum
Surge
current
I s
〔kA〕
Equivalent
Series
Resistance
ESR
〔m 〕
Equivalent
Series
Inductance
ESL
〔nH〕
Thermal
resistance
R th
〔K/W〕
Part number
Diameter
D
〔mm〕
Length of
the case
L1
〔mm〕
230
85
70
30
4
12
2.6
60
8.3
MLC2900V237KB8570
250
85
75
29
4
12
2.9
65
8.0
MLC2900V257KB8575
88.5
70
31
5
15
2.5
60
8.1
MLC2900V257KB88570
280
85
80
29
4
12
3.1
65
7.5
MLC2900V287KB8580
88.5
75
31
5
15
2.6
65
7.8
MLC2900V287KB88575
310
88.5
80
31
5
15
2.9
65
7.0
MLC2900V317KB88580
320
85
87
29
5
15
3.4
75
6.8
MLC2900V327KB8587
350
88.5
87
31
5
15
3.2
75
6.3
MLC2900V357KB88587
100
70
39
7
21
2.0
60
6.5
MLC2900V357KB10070
360
85
95
28
4
12
3.8
80
6.5
MLC2900V367KB8595
390
100
75
38
7
21
2.1
65
6.4
MLC2900V397KB10075
400
88.5
95
30
5
15
3.5
80
6.2
MLC2900V407KB88595
410
85
106
28
5
15
4.4
90
5.7
MLC2900V417KB85106
430
100
80
38
7
21
2.3
65
6.0
MLC2900V437KB10080
450
88.5
106
30
5
15
4.1
90
5.3
MLC2900V457KB885106
460
85
125
55
9
27
1.4
40
4.6
MLC2900V467KB85125
470
100
87
37
7
21
2.6
75
5.6
MLC2900V477KB10087
116
70
45
9
27
1.6
60
6.0
MLC2900V477KB11670
480
85
120
27
4
12
5.1
100
5.3
MLC2900V487KB85120
510
85
135
55
9
27
1.5
40
4.3
MLC2900V517KB85135
88.5
125
59
10
30
1.3
40
4.3
MLC2900V517KB885125
116
75
45
9
27
1.7
65
5.7
MLC2900V517KB11675
530
88.5
120
29
5
15
4.7
100
4.9
MLC2900V537KB885120
540
100
95
37
7
21
2.8
80
5.1
MLC2900V547KB10095
570
85
145
54
9
27
1.6
45
4.2
MLC2900V577KB85145
88.5
135
59
10
30
1.4
40
4.0
MLC2900V577KB885135
116
80
44
9
27
1.9
65
5.3
MLC2900V577KB11680
590
100
106
36
6
18
3.3
90
4.6
MLC2900V597KB100106
630
88.5
145
57
10
30
1.5
45
4.0
MLC2900V637KB885145
640
85
159
54
9
27
1.8
50
3.7
MLC2900V647KB85159
650
116
87
44
9
27
2.0
75
5.0
MLC2900V657KB11687
690
100
120
34
6
18
3.8
100
4.4
MLC2900V697KB100120
100
125
69
13
39
1.0
40
4.0
MLC2900V697KB100125
710
88.5
159
57
10
30
1.6
50
3.8
MLC2900V717KB885159
140
70
48
14
42
1.3
60
6.5
MLC2900V717KB14070
730
85
175
54
9
27
2.0
55
3.4
MLC2900V737KB85175
116
95
43
9
27
2.3
80
4.6
MLC2900V737KB11695
780
100
135
69
13
39
1.1
40
3.7
MLC2900V787KB100135
140
75
48
14
42
1.4
65
6.0
MLC2900V787KB14075
810
88.5
175
57
10
30
1.8
55
3.4
MLC2900V817KB885175
820
85
197
53
9
27
2.3
60
3.0
MLC2900V827KB85197
830
116
106
43
9
27
2.6
90
4.1
MLC2900V837KB116106
860
100
145
68
13
39
1.2
45
3.5
MLC2900V867KB100145
870
140
80
47
14
42
1.5
65
5.9
MLC2900V877KB14080
910
88.5
197
56
10
30
2.1
60
3.0
MLC2900V917KB885197
930
100
159
68
13
39
1.4
50
3.0
MLC2900V937KB100159
940
116
125
80
18
54
0.9
40
3.4
MLC2900V947KB116125
960
85
225
52
9
27
2.7
70
2.7
MLC2900V967KB85225
970
116
120
42
9
27
3.0
100
3.7
MLC2900V977KB116120
980
140
87
47
14
42
1.6
75
5.5
MLC2900V987KB14087
1,000
88.5
225
54
9
27
2.6
70
2.6
MLC2900V108KB885225
100
175
66
12
36
1.6
55
2.8
MLC2900V108KB100175
116
135
79
17
51
0.9
40
3.5
MLC2900V108KB116135
1,100
100
197
64
13
39
1.8
60
2.7
MLC2900V118KB100197
116
145
78
17
51
1.0
45
3.2
MLC2900V118KB116145
140
95
46
13
39
1.8
80
5.1
MLC2900V118KB14095
1,200
140
106
45
13
39
2.0
90
4.8
MLC2900V128KB140106
1,300
116
159
79
18
54
1.1
50
2.9
MLC2900V138KB116159
1,400
100
225
66
13
39
2.0
70
2.3
MLC2900V148KB100225
116
175
78
17
51
1.3
55
2.5
MLC2900V148KB116175
140
120
45
13
39
2.4
100
4.0
MLC2900V148KB140120
140
125
84
27
81
0.7
40
4.0
MLC2900V148KB140125
1,500
140
135
83
26
78
0.8
40
3.6
MLC2900V158KB140135
1,600
116
197
77
17
51
1.4
60
2.4
MLC2900V168KB116197
1,700
140
145
83
26
78
0.8
45
3.6
MLC2900V178KB140145
1,900
116
225
77
18
54
1.6
70
2.1
MLC2900V198KB116225
140
159
84
26
78
0.9
50
3.1
MLC2900V198KB140159
2,200
140
175
84
27
81
1.0
55
2.8
MLC2900V228KB140175
2,500
140
197
83
27
81
1.1
60
2.6
MLC2900V258KB140197
2,900
140
225
81
27
81
1.3
70
2.3
MLC2900V298KB140225
• Please inquire us in case low frequency (commercial frequency) or frequency above 10kHz is included in ripple current.
• Maximum permissible ripple current is calculated by the value in this table with frequency and temperature correction factors.
Also the maximum current must be controlled below the permissible terminal current .
Please refer useful life graph based on ambient temperature and voltage.
HOTSPOT = T
a
+I 2×ESR×Rth
Standard Products Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com