Electronic Components Datasheet Search
  English  ▼

X  

MLC2 Datasheet(PDF) 1 Page - AIC tech Inc.

Part # MLC2
Description  Cylindrically-Shaped Metallized Polypropylene Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

MLC2 Datasheet(HTML) 1 Page - AIC tech Inc.

  MLC2 Datasheet HTML 1Page - AIC tech Inc. MLC2 Datasheet HTML 2Page - AIC tech Inc. MLC2 Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER ELECTRONICS USE PLASTIC FILM CAPACITORS
MLC2 Series (Cylindrically-Shaped Metallized
Polypropylene Film Capacitors
)
Features
• Approx. 15% smaller than MLC series in volume.
• Cylindrically-shaped capacitor with big capacitance for wind & solar power inverters, other inverters, chopper control and
charge-discharge.
• High reliability of withstanding voltage due to using of our original segmented metallized film.
Specifications
MLC2
800V
125
128
K
B
116
(
...)
Type of series
Rated voltage
Case dimenter
φD
Costomers Specification
Case length L
1
Capacitance code
The first two digits are
significant.
The last digit in dicates
the number of following
zeros in PF
(128
:12×108pF)
Fixing symbol code
B
:Stud Bolt
N
:Plain Bottom
Tolerance code
J
:±5%
K
:±10%
Outline of drawings and dimensions
Part number
Example : MLC2, 800V, 1200
μF, ±10%, D =φ116, L = 125, with stud bolt
MLC2800V128KB116125
Items
Characteristics
Operating Temperature range *
−40 ∼+85℃ at 0.7 U N
−40 ∼+80℃ at 0.8 U N
−40 ∼+75℃ at 0.9 U N
−40 ∼+70℃ at 1.0 U N
Rated Voltage
U N
800
∼ 900Vdc
Voltage test between terminals
U TT
1.5
×U N / 10s
Voltage test terminals to case
U TC
3,200Vac / 10s
Terminals (permitted Torque)
M6
× 10 (4 ±0.5Nm)
Stud Bolt (permitted Torque)
M12
× 16 / 18 (7 ±1Nm)
Reference / Standard
IEC 61071 : 2007
Dielectric
Polypropylene
Safety Function
Segmented Metal with Fuse Function
Cap
PBT UL94V
-0 listed
impregnants
Epoxy / Urethane Resin UL94V
-0 listed
Case material
Aluminium
Humidity
ClassF : 75% annual average,
95% 30days / year
φD
φ85
φ88.5 φ100
φ116
φ140
Dimensions
(mm)
P
32
32
32
50
50
T
φ12
φ12
φ12
φ14
φ19
L 2
55555
L C
15
15
15
20
20
L S
16
16
16
18
18
Clearance distance (mm)
20
20
20
36
31
Creepage distance (mm)
28
28
28
36
31
Terminal allowance current 60Arms 60Arms 60Arms 80Arms 100Arms
0.7
×
U N 0.8×U N 0.9×U N 1.0×U N
Ta
Ambient
Temperature
50
℃
1.32
1.22
1.11
1.00
60
℃
1.11
1.00
0.86
0.70
70
℃
0.86
0.70
0.50
0.00
75
℃
0.70
0.50
0.00
80
℃
0.50
0.00
85
℃
0.00
M6×10
L 1±2
L 2±1
M12
L S±1
L C
stud bolt
Projection Rib
(Not for 116mm and 140 diameter items)
φdT
Ⅰmax Multiplier(1kHz ∼ 10kHz)


Similar Part No. - MLC2

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
MLC20-100K-RC ALLIED-MLC20-100K-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20-100K-RC ALLIED-MLC20-100K-RC Datasheet
524Kb / 1P
Multilayer Chip Inductors
MLC20-120K-RC ALLIED-MLC20-120K-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20-120K-RC ALLIED-MLC20-120K-RC Datasheet
524Kb / 1P
Multilayer Chip Inductors
More results

Similar Description - MLC2

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
logo
AIC tech Inc.
MLC AICTECH-MLC Datasheet
100Kb / 5P
Cylindrically-Shaped Metallized Polypropylene Film Capacitors
MLCA AICTECH-MLCA Datasheet
99Kb / 4P
Cylindrically-Shaped Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com