Electronic Components Datasheet Search
  English  ▼

X  

RN6002 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN6002
Description  Motor Drive Circuit Applications / Power Amplifier Applications / Power Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN6002 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN6002 Datasheet HTML 1Page - Toshiba Semiconductor RN6002 Datasheet HTML 2Page - Toshiba Semiconductor RN6002 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RN6002
2001-10-29
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN6002
Motor Drive Circuit Applications
Power Amplifier Applications
Power Switching Applications
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Small flat package
l PC = 1~2W (mounted on ceramic substrate)
l Complementary to RN5002
Equivalent Circuit
Maximum Ratings (Ta = 25°C)
Marking
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−30
V
Collector-emitter voltage
VCEO
−30
V
Emitter-base voltage
VEBO
−5

V
Collector current
IC
−2
A
Base current
IB
−0.4
A
Collector power dissipation
PC
500
mW
Collector power dissipation
PC *
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
* : Mounterd on ceramic substrate (250mm2 × 0.8t)
JEDEC
―
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05g (typ.)
Unit: mm


Similar Part No. - RN6002

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN6001 TOSHIBA-RN6001 Datasheet
90Kb / 3P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN6006 TOSHIBA-RN6006 Datasheet
94Kb / 3P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
More results

Similar Description - RN6002

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2604 TOSHIBA-2SD2604 Datasheet
178Kb / 4P
HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE APPLICATIONS
RN5001 TOSHIBA-RN5001 Datasheet
144Kb / 4P
Motor Drive Circuit Applications Power Amplifier Applications Power Switching Applications
2SB907 TOSHIBA-2SB907_07 Datasheet
165Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908_07 Datasheet
167Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908_10 Datasheet
171Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB1067 TOSHIBA-2SB1067_09 Datasheet
179Kb / 5P
Micro-Moter Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
2SB1457 TOSHIBA-2SB1457_09 Datasheet
157Kb / 5P
Micro Motor Drive, Hammer Drive Applications Power Switching Applications Power Amplifier Applications
2SD1357 TOSHIBA-2SD1357 Datasheet
273Kb / 3P
HIGH POWER SWITCHING APPLICATIONS. HAMMER DRIVE, PULSE. MOTOR DRIVE APPLICATIONS.
2SD549 TOSHIBA-2SD549 Datasheet
217Kb / 3P
PULSE MOTOR DRIVE, HAMMER DRIVE APPLICATIONS. SWITCHING APPLICATIONS. POWER AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com