Electronic Components Datasheet Search
  English  ▼

X  

RN6002 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN6002
Description  Motor Drive Circuit Applications / Power Amplifier Applications / Power Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN6002 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN6002 Datasheet HTML 1Page - Toshiba Semiconductor RN6002 Datasheet HTML 2Page - Toshiba Semiconductor RN6002 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RN6002
2001-10-29
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Collector cut-offcurrent
ICBO
―

VCB = −30V, IE = 0
―

―
−0.1
µA
Emitter cut-off current
IEBO
―
VEB = −5V, IC = 0
−0.68
−0.89
−1.28
mA
Collector-emitter breakdown voltage
V(BR)CES
―

IC = −10mA
−30
―

―
V
hFE (1)
VCE = −2V, IC = −0.5A
100
―
360
DC current gain
hFE (2)
―
VCE = −2V, IC = −2.0A
50
―

―
―
Collector-emitter saturation voltage
VCE (sat)
―
IC = −1A, IB = −0.05A
―
―
−0.5
V
Base-emitter saturation voltage
VBE (sat)
―

IC = −1A, IB = −0.05A
―

―
−1.2
V
Transition frequency
fT
―
VCE = −2V, IC = −0.5A
―
120
―
MHz
Collector output capacitance
Cob
―
VCB = −10V, IE = 0, f = 1 MHz
―
40
―
pF
Resistor
R
―

―
3.9
5.6
7.3
kΩ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com