Electronic Components Datasheet Search
  English  ▼

X  

VB2201K Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # VB2201K
Description  P-Channel 200V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB2201K Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  VB2201K Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB2201K Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
3
6
1
5
4
3
0.1
2
1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0
2
4
6
8
10
VSD - Source-to-Drain Voltage (V)
Source-Drain Diode Forward Voltage
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Gate-to-Source Voltage
1.0
0.7
0.4
0.1
- 0.2
- 0.5
- 50
- 25
0
25
50
75
100
125 150
TJ - Temperature (°C)
Threshold Voltage
10
1
0.1
0.01
0.001
0.1
1
10
100
1000
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
Safe Operating Area
IDM Limited
10 µs
100 µs
Limited by RDS(on)*
1 ms
10 ms
100 ms
TA = 25 °C
Single Pulse
10 s, 1 s
DC, 100 s
BVDSS Limited
TJ = 150 °C
TJ = 25 °C
ID = 250 µA
VB2201K
www.VBsemi.com
4
ID = 0.5 A
Single Pulse Power
0.01
0
1
6
12
2
4
10
600
0.1
Time (s)
8
10
100
TA = 25 °C
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com