Electronic Components Datasheet Search
  English  ▼

X  

8700 Datasheet(PDF) 2 Page - ITT Industries

Part # 8700
Description  Overtravel Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8700 Datasheet(HTML) 2 Page - ITT Industries

  8700 Datasheet HTML 1Page - ITT Industries 8700 Datasheet HTML 2Page - ITT Industries 8700 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A–73
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K 8700 Series
Overtravel Pushbutton Switches
SWITCH FUNCTION
PLUNGER
BUSHING
PANEL MOUNTING
N.O. with overtravel
SPST
2.2 oz TYP.
with overtravel
.350 TYP.
.390 (9,91) TYP.
MOM.
OFF
8732
SP
N.O. with overtravel
SPST
4.7 oz TYP.
with overtravel
.311 TYP.
.390 (9,91) TYP.
MOM.
OFF
8731
SP
SCHEMATIC
ACTUATION
FORCE
TOTAL TRAVEL
SWITCH FUNCTION
POS. 1
POS. 2
MODEL NO.
NO.
POLES
SPST
SPST
Part number shown: 8731SHZQE
Part number shown: 8732S1HZQE
MOM. = Momentary
S .390" HIGH, BRASS
H .250" HIGH
S1 .390" HIGH, PBT POLYESTER
Available with 8732 model only.
Available with 8731 model only.
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com