Electronic Components Datasheet Search
  English  ▼

X  

8700 Datasheet(PDF) 1 Page - ITT Industries

Part # 8700
Description  Overtravel Pushbutton Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

8700 Datasheet(HTML) 1 Page - ITT Industries

  8700 Datasheet HTML 1Page - ITT Industries 8700 Datasheet HTML 2Page - ITT Industries 8700 Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A–72
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K 8700 Series
Overtravel Pushbutton Switches
Features/Benefits
• Extended pre-travel or over-travel
• Heavy-duty brass plunger
• Long electrical life — 100K cycles
• RoHS compliant
Typical Applications
• Telecommunications
• High end Instrumentation
• Medical & test equipment
• Detection
Specifications
CONTACT RATING: Q contact material: 1 AMP @
120 V AC or 28 V DC. See page A-74 for additional ratings.
ELECTRICAL LIFE: 100,000 actuations at full load.
CONTACT RESISTANCE: Below 30 m
Ω typ. Initial @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 103
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 65ºC.
NOTE: Any models supplied with Q, or B contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Diallyl phthalate (DAP) (UL 94V-0).
PLUNGER:
8731 – .390" brass, nickel plated.
8732 – .390" PBT polyester, black.
BUSHING: brass, nickel plated.
CONTACTS: Q contact material: Coin silver, silver plated. See page
A-74 for additional contact materials.
TERMINALS: Q contact material: Copper alloy, silver plated. See page
A-74 for additional contact materials.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut: Brass, nickel plated; lockwasher: Steel, bright nickel
plate. One mounting nut & lockwasher supplied with all switches.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-73 and A-74. For additional options not shown in catalog, consult Customer Service Center. All
models have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods.
Switch Function
8731 SPST Off-Mom.
8732 SPST Off-Mom.
Contact Material
Q Silver
B Gold
Seal
E Epoxy
Plunger
S
.390" high, brass
S1 .390" high, polyester
Bushing
H
.250" high
Terminations
Z Solder lug
A


Similar Part No. - 8700

ManufacturerPart #DatasheetDescription
logo
C&K Components
8700 CK-COMPONENTS-8700 Datasheet
179Kb / 3P
Overtravel Pushbutton Switches
logo
List of Unclassifed Man...
8700 ETC2-8700 Datasheet
395Kb / 1P
CAPTIVE PANEL SCREWS
logo
Belden Inc.
8700 BELDEN-8700 Datasheet
664Kb / 10P
MIL-C-17G QPL Cable
logo
C&K Components
8700 CK-COMPONENTS-8700 Datasheet
233Kb / 3P
Overtravel Pushbutton Switches
logo
Christian Bürkert GmbH ...
8700 BURKERT-8700 Datasheet
1Mb / 14P
Mass Flow Meter for Gases (MFM)
26.03.2021
More results

Similar Description - 8700

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
logo
C&K Components
8700 CK-COMPONENTS-8700 Datasheet
179Kb / 3P
Overtravel Pushbutton Switches
logo
E-SWITCH
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
8731 CK-COMPONENTS-8731 Datasheet
224Kb / 3P
Overtravel Pushbutton Switches
8700 CK-COMPONENTS-8700_V01 Datasheet
233Kb / 3P
Overtravel Pushbutton Switches
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com