Electronic Components Datasheet Search
  English  ▼

X  

BCW81 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCW81
Description  NPN general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCW81 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCW81 Datasheet HTML 1Page - NXP Semiconductors BCW81 Datasheet HTML 2Page - NXP Semiconductors BCW81 Datasheet HTML 3Page - NXP Semiconductors BCW81 Datasheet HTML 4Page - NXP Semiconductors BCW81 Datasheet HTML 5Page - NXP Semiconductors BCW81 Datasheet HTML 6Page - NXP Semiconductors BCW81 Datasheet HTML 7Page - NXP Semiconductors BCW81 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Apr 02
3
Philips Semiconductors
Product specification
NPN general purpose transistor
BCW81
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
50
V
VCEO
collector-emitter voltage
open base; IC =2mA
−
45
V
VEBO
emitter-base voltage
open collector
−
5V
IC
collector current (DC)
−
100
mA
ICM
peak collector current
−
200
mA
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =20V
−−
100
nA
IE = 0; VCB = 20 V; Tj = 100 °C
−−
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
100
nA
hFE
DC current gain
IC = 2 mA; VCE = 5 V
420
−
800
VCEsat
collector-emitter saturation
voltage
IC = 10 mA; IB = 0.5 mA
−
120
250
mV
IC = 50 mA; IB = 2.5 mA
−
210
−
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−
750
−
mV
IC = 50 mA; IB = 2.5 mA
−
850
−
mV
VBE
base-emitter voltage
IC = 2 mA; VCE = 5 V
550
−
700
mV
Cc
collector capacitance
IE =Ie = 0; VCB =10V; f=1MHz
−
2.5
−
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
100
−−
MHz
F
noise figure
IC = 200 µA; VCE =5V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
−−
10
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com