Electronic Components Datasheet Search
  English  ▼

X  

IP431A Datasheet(PDF) 3 Page - Seme LAB

Part # IP431A
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP431A Datasheet(HTML) 3 Page - Seme LAB

  IP431A Datasheet HTML 1Page - Seme LAB IP431A Datasheet HTML 2Page - Seme LAB IP431A Datasheet HTML 3Page - Seme LAB IP431A Datasheet HTML 4Page - Seme LAB IP431A Datasheet HTML 5Page - Seme LAB IP431A Datasheet HTML 6Page - Seme LAB IP431A Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IP431A Series
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
IP431AI
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VKA = VREF
IK = 10mA
TA = -40 to +85°C *
VKA = VREF
IK = 10mA
TA = -40 to +85°C *
IK = 10mA
R1 = 10k
Ω
R2 =
∞
IK = 10mA
TA = -40 to +85°C *
R1 = 10k
Ω
R2 =
∞
IK = 10mA
TA = -40 to +85°C *
VKA = VREF
VKA = 36V
VREF = 0
VKA = VREF
f
≤ 1kHz
∆I
K = 1mA to 100mA
∆V
KA = 10V to VREF
∆V
KA = 36V to 10V
VREF
∆V
REF
∆V
REF
∆V
KA
IREF
∆I
REF
IMIN
IOFF
|Zka|
Reference Input Voltage
(Figure 1)
Reference Input Voltage Over
Temperature Range 1
(Figure 1)
Ratio of Reference Voltage Change to
Change in Cathode to Anode Voltage
(Figure 2)
Reference Input Current
(Figure 2)
Reference Input Current Deviation Over
Temperature Range
(Figure 2)
Minimum Cathode Current
For Regulation
(Figure 1)
Off–State Cathode Current
(Figure 3)
Dynamic Impedance 2
(Figure 1)
V
mV
mV/V
µA
µA
mA
nA
Ω
2.47
2.495
2.52
2.44
2.55
730
14
6.5
0.8
2.5
0.5
1
3
1000
0.2
0.5
-1.5
-2.7
-0.7
-2
IP431AC
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VKA = VREF
IK = 10mA
TA = 0 to +70°C *
VKA = VREF
IK = 10mA
TA = 0 to +70°C *
IK = 10mA
R1 = 10k
Ω
R2 =
∞
IK = 10mA
TA = 0 to +70°C *
R1 = 10k
Ω
R2 =
∞
IK = 10mA
TA = 0 to +70°C *
VKA = VREF
VKA = 36V
VREF = 0
VKA = VREF
f
≤ 1kHz
∆I
K = 1mA to 100mA
∆V
KA = 10V to VREF
∆V
KA = 36V to 10V
VREF
∆V
REF
∆V
REF
∆V
KA
IREF
∆I
REF
IMIN
IOFF
|Zka|
Reference Input Voltage
(Figure 1)
Reference Input Voltage Over
Temperature Range 1
(Figure 1)
Ratio of Reference Voltage Change to
Change in Cathode to Anode Voltage
(Figure 2)
Reference Input Current
(Figure 2)
Reference Input Current Deviation Over
Temperature Range
(Figure 2)
Minimum Cathode Current
For Regulation
(Figure 1)
Off–State Cathode Current
(Figure 3)
Dynamic Impedance 2
(Figure 1)
V
mV
mV/V
µA
µA
mA
nA
Ω
2.47
2.495
2.52
2.453
2.537
317
14
5.2
0.4
1.2
0.5
1
3
1000
0.2
0.5
-1.5
-2.7
-0.7
-2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise stated)
* This test is not applicable to surface mount (D Package) devices.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com