Electronic Components Datasheet Search
  English  ▼

X  

IP431A Datasheet(PDF) 7 Page - Seme LAB

Part # IP431A
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IP431A Datasheet(HTML) 7 Page - Seme LAB

  IP431A Datasheet HTML 1Page - Seme LAB IP431A Datasheet HTML 2Page - Seme LAB IP431A Datasheet HTML 3Page - Seme LAB IP431A Datasheet HTML 4Page - Seme LAB IP431A Datasheet HTML 5Page - Seme LAB IP431A Datasheet HTML 6Page - Seme LAB IP431A Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IP431A Series
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 2/95
TYPICAL PERFORMANCE CHARACTERISTICS
CATHODE CURRENT vs CATHODE VOLTAGE
REFERENCE INPUT VOLTAGE vs
AMBIENT TEMPERATURE
CATHODE CURRENT vs CATHODE VOLTAGE
REFERENCE INPUT CURRENT vs
AMBIENT TEMPERATURE
CHANGE IN REFERENCE INPUT VOLTAGE
vs AMBIENT TEMPERATURE
OFF –STATE CATHODE CURRENT vs
AMBIENT TEMPERATURE
V
CATHODE VOLTAGE (V)
KA
KA
V
INPUT
KA
V= VRE F
TA = 25˚ C
IK
-100
-50
0
50
100
150
-2
-1
0
1
2
3
T
AMBIENT TEMPERATURE (˚C)
A
KA
V
INPUT
KA
V= VREF
IK = 10mA
IK
VRE F
-55
-25
0
25
75
100
125
50
2400
2420
2440
2460
2480
2500
2520
2540
2560
2580
2600
V
CATHODE VOLTAGE (V)
KA
-32
-28
-24
-20
-16
-12
-8
-4
0
0
10203040
TA = 25˚ C
KA
V
INPUT
IK
R1
RE F
I
IK = 10mA
VRE F
R2
V
CATHODE VOLTAGE (V)
KA
KA
V
INPUT
KA
V= VRE F
TA = 25˚ C
IK
-1
012
3
-200
0
200
400
600
800
T
AMBIENT TEMPERATURE (˚C)
A
IK = 10mA
KA
V
INPUT
IK
10
k
Ω
RE F
I
IK = 10mA
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-55
-25
0
25
75
100
125
50
T
AMBIENT TEMPERATURE (˚C)
A
KA
V
INPUT
KA
V= 3 6V
IOF F
= 0
RE F
V
-55
-25
0
25
75
100
125
50
0.01
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com