Electronic Components Datasheet Search
  English  ▼

X  

SP1084 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP1084
Description  5A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1084 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP1084 Datasheet HTML 4Page - Sipex Corporation SP1084 Datasheet HTML 5Page - Sipex Corporation SP1084 Datasheet HTML 6Page - Sipex Corporation SP1084 Datasheet HTML 7Page - Sipex Corporation SP1084 Datasheet HTML 8Page - Sipex Corporation SP1084 Datasheet HTML 9Page - Sipex Corporation SP1084 Datasheet HTML 10Page - Sipex Corporation SP1084 Datasheet HTML 11Page - Sipex Corporation SP1084 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image

Date: 7/26/06 Rev G
SP084 5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
mechanical Dimensions (continued)
to-252
Unit: mm(inch)

7
0.020(0.00)
0.460(0.08)
2.240(0.088)
0.750(0.00)
0.640(0.025)
5.20(0.206)
6.80(0.25)
2.80(0.086)
0.600(0.024)
5
5
8
0.400(0.06)
0.50(0.020)
0.480(0.0)
.080(0.04)
45
6.680(0.26)
0.580(0.02)
2.80(0.04)
5.40(0.24)
2.40(0.02)
2.240(0.088)
2.40(0.02)
0.780(0.0)
0.850(0.0)
.20(0.052)
0.540(0.02)
0.20(0.005)
2.0
.0
2.0
.0
PAckAge:2 Pin to-252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com