Electronic Components Datasheet Search
  English  ▼

X  

SP1084 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP1084
Description  5A Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1084 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP1084 Datasheet HTML 4Page - Sipex Corporation SP1084 Datasheet HTML 5Page - Sipex Corporation SP1084 Datasheet HTML 6Page - Sipex Corporation SP1084 Datasheet HTML 7Page - Sipex Corporation SP1084 Datasheet HTML 8Page - Sipex Corporation SP1084 Datasheet HTML 9Page - Sipex Corporation SP1084 Datasheet HTML 10Page - Sipex Corporation SP1084 Datasheet HTML 11Page - Sipex Corporation SP1084 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
2
Date: 7/26/06 Rev G
SP084 5A Low Dropout Linear Regulator
© 2006 Sipex Corporation
Figure 8. Dropout Voltage vs. Temperature
Figure . Short Circuit Current vs. Dropout Voltage
typical Performance characteristics (continued)
0
25
50
75
00
25
.20
.25
.0
.5
.40
T
J (
oC)
0
2
4
6
8
0
2
0

2

4
5
6
7
8
Dropout Voltage (V)
Figure 0. Load Transient Response
Figure . Line Transient Response
Sipex corporation
Headquarters and
Sales Office
2 South Hillview Drive
Milpitas, CA 505
TEL: (408) 4-7500
FAX: (408) 5-7600
oRDeRing infoRmAtion
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Part Number
Package
V
2: TO-252
ADJ: Adjustable Output
1.5: Fixed Output 1.5V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V
3.3: Fixed Output 3.3V
5.0: Fixed Output 5.0V
-
L: Lead Free
S
P1084
/
TR: Tape and Reel
Blank: Tube
V: TO-220
V
1: TO-263-3
2.85: Fixed Output 2.85V
Solved by
TM
Part number
Voltage
Range
temperature
Range
Package Pin
count Pack Qty
SP084V2-L/TR
Adj
0ºC to +25ºC TO-252
2
2,500/TR
SP084V2-L--5/TR
.5V
0ºC to +25ºC TO-252
2
2,500/TR
SP084V2-L--8/TR
.8V
0ºC to +25ºC TO-252
2
2,500/TR
SP084V2-L-2-5/TR
2.5V
0ºC to +25ºC TO-252
2
2,500/TR
SP084V2-L-2-85/TR 2.85V
0ºC to +25ºC TO-252
2
2,500/TR
SP084V2-L--/TR
.V
0ºC to +25ºC TO-252
2
2,500/TR
SP084V2-L-5-0/TR
5V
0ºC to +25ºC TO-252
2
2,500/TR
SP084V-L/TR
Adj
0ºC to +25ºC TO-26

800/TR
SP084V-L--5/TR
.5V
0ºC to +25ºC TO-26

800/TR
SP084V-L--8/TR
.8V
0ºC to +25ºC TO-26

800/TR
SP084V-L-2-5T/R
2.5V
0ºC to +25ºC TO-26

800/TR
SP084V-L-2-85/TR 2.85V
0ºC to +25ºC TO-26

800/TR
SP084V-L--/TR
.V
0ºC to +25ºC TO-26

800/TR
SP084V-L-5-0T/R
5V
0ºC to +25ºC TO-26

800/TR
SP084V-L
Adj
0ºC to +25ºC TO-220

50/TUBE
SP084V-L--5
.5V
0ºC to +25ºC TO-220

50/TUBE
SP084V-L--8
.8V
0ºC to +25ºC TO-220

50/TUBE
SP084V-L-2-5
2.5V
0ºC to +25ºC TO-220

50/TUBE
SP084V-L-2-85
2.85V
0ºC to +25ºC TO-220

50/TUBE
SP084V-L--
.V
0ºC to +25ºC TO-220

50/TUBE
SP084V-L-5-0
5V
0ºC to +25ºC TO-220

50/TUBE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com