Electronic Components Datasheet Search
  English  ▼

X  

56F8023 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 56F8023
Description  Digital Signal Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8023 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  56F8023 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8023 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MC56F8023E
Rev. 0, 09/2006
56F8023
Freescale Semiconductor
©Freescale Semiconductor, Inc. 2006. All rights reserved.
Preliminary Chip Errata
56F8023 Digital Signal Controller
This document reports errata information on chip revision A. Errata numbers are in the form n.m, where n is the
number of the errata item and m identifies the document revision number. This document is a pre-publication draft.
Chip Revision A Errata Information:
The following errata items apply only to Revision A 56F8023 devices.
Errata
Number
Description
Impact and Work Around
1.0
In the DAC, the up/down
counter which implements
waveform generation in
automatic mode in the DAC
gasket does not handle negative
numbers.
Impact:
Down counting to a negative number will wrap the counter and continue down
counting.
Work Around:
Adjust MAXVAL, MINVAL, and/or STEP size so the terminal value while down
counting is positive or zero.
2.0
I2C fails to detect arbitration loss
when the loss occurs while the
ACK bit of data bytes is received
in master RX mode.
Impact:
No impact on bus behavior.
Arbitration loss software counters will not be accurate in this situation.
Work Around:
None available.
3.0
Some I2C slave TX FIFO
flushes don’t interrupt the CPU.
Impact:
If the number of bytes written to the TX FIFO exceeds the number of data bytes
retrieved by the remote master, there is no CPU indication that the excess data bytes
were flushed from the TX FIFO.
Software must accommodate this behavior
Work Around:
None available
4.0
I2C ACKs its own address and
data during general calls when
both master and slave are
enabled and the module initiates
the general call. This means the
transmission will always be
completed and it’s impossible to
determine if another device is
ACKing the call.
Impact:
Since the module always ACKs the general call address and data in the scenario, the
module will never know if any of the other nodes NACKed the general call.
Use work around until fixed.
Work Around:
Disable slave mode prior to initiating a general call.


Similar Part No. - 56F8023

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8023 FREESCALE-56F8023 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023 Datasheet
2Mb / 157P
16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F8023 NXP-56F8023 Datasheet
2Mb / 157P
16-bit Digital Signal Controllers
logo
Freescale Semiconductor...
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
More results

Similar Description - 56F8023

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025 Datasheet
173Kb / 12P
Digital Signal Controller Product Brief
MC56F8006 FREESCALE-MC56F8006 Datasheet
1Mb / 100P
Digital Signal Controller
logo
Texas Instruments
SM320F28335-HT TI-SM320F28335-HT Datasheet
1Mb / 158P
Digital Signal Controller (DSC)
SM320F28335-EP TI-SM320F28335-EP Datasheet
1Mb / 169P
Digital Signal Controller (DSC)
logo
Freescale Semiconductor...
PC56F8006VWL FREESCALE-PC56F8006VWL Datasheet
1Mb / 106P
Digital Signal Controller
logo
Texas Instruments
SM320F28335PTPMEP TI-SM320F28335PTPMEP Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
SM320F28335GJZMEP TI1-SM320F28335GJZMEP Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_12 Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
SM320F28335-HT TI1-SM320F28335-HT_14 Datasheet
1Mb / 182P
Digital Signal Controller (DSC)
SM320F28335-EP TI1-SM320F28335-EP_16 Datasheet
1Mb / 167P
Digital Signal Controller (DSC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com