Electronic Components Datasheet Search
  English  ▼

X  

SLG47115 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG47115
Description  GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47115 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG47115 Datasheet HTML 9Page - Renesas Technology Corp SLG47115 Datasheet HTML 10Page - Renesas Technology Corp SLG47115 Datasheet HTML 11Page - Renesas Technology Corp SLG47115 Datasheet HTML 12Page - Renesas Technology Corp SLG47115 Datasheet HTML 13Page - Renesas Technology Corp SLG47115 Datasheet HTML 14Page - Renesas Technology Corp SLG47115 Datasheet HTML 15Page - Renesas Technology Corp SLG47115 Datasheet HTML 16Page - Renesas Technology Corp SLG47115 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 256 page
background image
R19DS0118EU0115 Rev.1.15
Page 13
Mar 1, 2023
SLG47115 Datasheet
1.
Block Diagram
Figure 1. Block Diagram
GPIO0
GPI
VDD
2.5 V - 5.0 V
GPIO1
GPIO2
SCL
GPIO3
SDA
GPIO4
GPIO5
GPIO6
GND
GND_HV
SENSE
HV_GPO_0
HD OCP
HV_GPO_1
HD OCP
Charge
pump
LS
LS
Charge
pump
Combination Function Macrocells
3-bit
LUT3_4
or DFF7
4-bit
LUT4_0
or DFF9
3-bit
LUT3_6
or PD/
RippCnt
3-bit
LUT3_5
or DFF8
2-bit
LUT2_0
or DFF0
3-bit
LUT3_0
or DFF3
2-bit
LUT2_1
or DFF1
2-bit
LUT2_2
or DFF2
2-bit
LUT2_3
or PGEN
3-bit
LUT3_3
or DFF6
3-bit
LUT3_2
or DFF5/
PWM chop1
3-bit
LUT3_1
or DFF4/
PWM chop0
VDD2
5.0 V - 24.0 V
Multi – Function Macrocells
4-bit
LUT4_1
/DFF14+16bit
CNT/DLY0
3-bit
LUT3_10
/DFF13+8bit
CNT/DLY4
3-bit
LUT3_7
/DFF10+8bit
CNT/DLY1
3-bit
LUT3_8
/DFF11+8bit
CNT/DLY2
3-bit
LUT3_9
/DFF12+8bit
CNT/DLY3
High Speed
Analog
High
Speed
Vref
ACMP1H
ACMP0H
HV GPO
Control Analog
Current
Sense
Comp
Diff Amp +
Integrator
Temperature
Sensor
OTP
Programmable
Delay with
Edge Detector
Filter
with Edge
Detector
POR
I
2C Serial
Communication
Oscillators
25 MHz
2.048 kHz
PWM Macrocells
8-bit PWM0
8-bit PWM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com