Electronic Components Datasheet Search
  English  ▼

X  

SLG47115 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SLG47115
Description  GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47115 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SLG47115 Datasheet HTML 19Page - Renesas Technology Corp SLG47115 Datasheet HTML 20Page - Renesas Technology Corp SLG47115 Datasheet HTML 21Page - Renesas Technology Corp SLG47115 Datasheet HTML 22Page - Renesas Technology Corp SLG47115 Datasheet HTML 23Page - Renesas Technology Corp SLG47115 Datasheet HTML 24Page - Renesas Technology Corp SLG47115 Datasheet HTML 25Page - Renesas Technology Corp SLG47115 Datasheet HTML 26Page - Renesas Technology Corp SLG47115 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 256 page
background image
R19DS0118EU0115 Rev.1.15
Page 23
Mar 1, 2023
SLG47115 Datasheet
IOL
Low-level output pulse
current[2]
Voltage for VDD group,
TJ = -40 °C to 150 °C
push-pull, 1x Drive, VDD = 2.5 V ± 8 %,
VOL = 0.15 V
1.6
--
--
mA
push-pull, 1x Drive, VDD = 3.3 V ± 10%,
VOL = 0.4 V
5.2
--
--
mA
push-pull, 1x Drive, VDD = 5.0 V ± 10%,
VOL = 0.4 V
7.5
--
--
mA
push-pull, 2x Drive, VDD = 2.5 V ± 8 %,
VOL = 0.15 V
3.2
--
--
mA
push-pull, 2x Drive, VDD = 3.3 V ± 10%,
VOL = 0.4 V
10.3
--
--
mA
push-pull, 2x Drive, VDD = 5.0 V ± 10%,
VOL = 0.4 V
14.8
--
--
mA
NMOS OD, 1x Drive, VDD = 2.5 V ± 8 %,
VOL = 0.15 V
4.0
--
--
mA
NMOS OD, 1x Drive, VDD = 3.3 V ± 10%,
VOL = 0.4 V
12.8
--
--
mA
NMOS OD, 1x Drive, VDD = 5.0 V ± 10%,
VOL = 0.4 V
18.3
--
--
mA
NMOS OD, 2x Drive, VDD = 2.5 V ± 8 %,
VOL = 0.15 V
7.8
--
--
mA
NMOS OD, 2x Drive, VDD = 3.3 V ± 10%,
VOL = 0.4 V
24.9
--
--
mA
NMOS OD, 2x Drive, VDD = 5.0 V ± 10%,
VOL = 0.4 V
35.0
--
--
mA
Isleep
All macrocells are in Sleep
mode including charge pumps
For VDD2 <= 5.0V
UVLO disabled
--
--
117
nA
PONTHR
Power-on threshold
VDD level required to start up the chip,
TJ = -40 °C to 150 °C
1.80
1.98
2.20
V
POFFTHR
Power-off threshold
VDD level required to switch off the chip,
TJ = -40 °C to 150 °C
1.30
1.55
1.80
V
RPULL
Pull-up or pull-down resistance
TJ = -40 °C to 85°C
1 M for pull-up: VIN = GND;
for pull-down: VIN = DVDD
--
1
--
M
Ω
100 k for pull-up: VIN = GND;
for pull-down: VIN = DVDD
--
100
--
k
Ω
10 k for pull-up: VIN = GND;
for pull-down: VIN = DVDD
--
10
--
k
Ω
Pull-up or pull-down resistance
TJ = -40 °C to 150 °C
1 M for pull-up: VIN = GND;
for pull-down: VIN = DVDD
--
1
--
M
Ω
100 k for pull-up: VIN = GND;
for pull-down: VIN = DVDD
--
100
--
k
Ω
10 k for pull-up: VIN = GND;
for pull-down: VIN = DVDD
--
10
--
k
Ω
Table 7. EC at T = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted (Cont.)
Parameter
Description
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com