Electronic Components Datasheet Search
  English  ▼

X  

INA310A Datasheet(PDF) 24 Page - Texas Instruments

Part # INA310A
Description  INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA310A Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA310A Datasheet HTML 20Page - Texas Instruments INA310A Datasheet HTML 21Page - Texas Instruments INA310A Datasheet HTML 22Page - Texas Instruments INA310A Datasheet HTML 23Page - Texas Instruments INA310A Datasheet HTML 24Page - Texas Instruments INA310A Datasheet HTML 25Page - Texas Instruments INA310A Datasheet HTML 26Page - Texas Instruments INA310A Datasheet HTML 27Page - Texas Instruments INA310A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
indicated if the current exceeds 1.2 A, and a 5 V supply is available for the INA310x. Following the design
guidelines from RSENSE and Device Gain Selection, a RSHUNT of 100 mΩ and a gain of 20 V/V are selected to
provide a good output dynamic range. Table 8-3 lists the design setup for this application.
Table 8-3. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
Power supply voltage
5 V
Common mode voltage range
5 V
Maximum sense current
1 A
RSENSE resistor
100 mΩ
Gain option
20 V/V
Over-current Threshold
1.2 A
R1
10.2 kΩ
R2
3.4 kΩ
8.2.2.2 Detailed Design Procedure
Figure 8-3 shows the basic connections to the INA310x. The inputs terminals (IN+ and IN–) must be connected
to the current sense resistor as close as possible to minimize any resistance in series with the shunt resistor.
The INA310x measures current across the 100-mΩ shunt that is placed in series with load. The INA310x
measures the differential voltage across the shunt resistor, and the signal is internally amplified with a gain of 20
V/V.
R1 is fixed as 10.2 kΩ to avoid loading of OUT as recommended in Overcurrent Threshold Connection. R2 is
calculated as 3.4 kΩ using Equation 1. R1 (10.2 kΩ) and R2 (3.4 kΩ) divides down the output which is an input to
the comparator. This sets the overcurrent alert threshold of 1.2 A.
8.2.2.3 Application Curve
Figure 8-4 shows the output response the current sense amplifier and the comparator in event of overcurrent.
Time (s)
-8E-5
-7E-5
-6E-5
-5E-5
-4E-5
-3E-5
-2E-5
-1E-5
0
1E-5
2E-5
-0.6
-1.2
0
-1
0.6
-0.8
1.2
-0.6
1.8
-0.4
2.4
-0.2
3
0
3.6
0.2
4.2
0.4
4.8
0.6
5.4
0.8
6
1
Comparator Input Voltage
VOUT
Comparator Output
Figure 8-4. Low-Side Switch Overcurrent Shutdown Response
8.3 Power Supply Recommendations
The INA310x makes accurate measurements beyond the connected power-supply voltage (VS) because the
inputs (IN+ and IN–) can operate anywhere between –4 V and 110 V independent of VS. For example, with the
VS power supply equal to 5 V, the common-mode voltage of the measured shunt can be as high as 110 V.
INA310A, INA310B
SBOSA86 – MARCH 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA310A INA310B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com