Electronic Components Datasheet Search
  English  ▼

X  

INA310A Datasheet(PDF) 3 Page - Texas Instruments

Part # INA310A
Description  INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA310A Datasheet(HTML) 3 Page - Texas Instruments

  INA310A Datasheet HTML 1Page - Texas Instruments INA310A Datasheet HTML 2Page - Texas Instruments INA310A Datasheet HTML 3Page - Texas Instruments INA310A Datasheet HTML 4Page - Texas Instruments INA310A Datasheet HTML 5Page - Texas Instruments INA310A Datasheet HTML 6Page - Texas Instruments INA310A Datasheet HTML 7Page - Texas Instruments INA310A Datasheet HTML 8Page - Texas Instruments INA310A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
RESET
1
V
S
8
IN+
2
OUT
7
IN–
3
CMP
IN
6
CMP
OUT
4
GND
5
Not to scale
Figure 5-1. INA310x: DGK Package 8-Pin VSSOP Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO
VS
1
Power
Power supply, 2.7 V to 20 V
OUT
2
Output
Output voltage
CMPIN
3
Input
Comparator input
GND
4
Ground
Ground
RESET
5
Input
Comparator reset pin, active low (Low: Transparent Mode, High: Latch Mode)
CMPOUT
6
Output
Comparator output (latch high when RESET = High)
IN–
7
Input
Shunt resistor negative sense input. For high-side applications, connect to load
side of sense resistor. For low-side applications, connect to ground side of sense
resistor.
IN+
8
Input
Shunt resistor positive sense input. For high-side applications, connect to bus-
voltage side of sense resistor. For low-side applications, connect to load side of
sense resistor.
www.ti.com
INA310A, INA310B
SBOSA86 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA310A INA310B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com