Electronic Components Datasheet Search
  English  ▼

X  

INA310A2 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA310A2
Description  INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA310A2 Datasheet(HTML) 4 Page - Texas Instruments

  INA310A2 Datasheet HTML 1Page - Texas Instruments INA310A2 Datasheet HTML 2Page - Texas Instruments INA310A2 Datasheet HTML 3Page - Texas Instruments INA310A2 Datasheet HTML 4Page - Texas Instruments INA310A2 Datasheet HTML 5Page - Texas Instruments INA310A2 Datasheet HTML 6Page - Texas Instruments INA310A2 Datasheet HTML 7Page - Texas Instruments INA310A2 Datasheet HTML 8Page - Texas Instruments INA310A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage
–0.3
22
V
VIN+, VIN– Analog inputs
Differential (VIN+) – (VIN–)(2)
–12
12
V
VIN+, VIN–, with respect to GND(2)
–20
120
VOUT
Analog output
GND – 0.3
(VS) + 0.3
V
Comparator reset pin
GND – 0.3
(VS) + 0.3
V
Comparator analog input
GND – 0.3
MIN of 5.5 or VS
V
Comparator Output
GND – 0.3
22
V
Input current into any pin
5
mA
TA
Operating temperature
–55
150
°C
TJ
Junction temperature
–65
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/ JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input range
–4
48
110
V
VS
Operating supply voltage
2.7
5
20
V
VSENSE
Differential sense input range
0
VS / G
V
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
INA310x
UNIT
DGK (VSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
172.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
63.5
°C/W
RθJB
Junction-to-board thermal resistance
93.8
°C/W
ΨJT
Junction-to-top characterization parameter
9.8
°C/W
ΨJB
Junction-to-board characterization parameter
92.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
INA310A, INA310B
SBOSA86 – MARCH 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA310A INA310B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com