Electronic Components Datasheet Search
  English  ▼

X  

INA310A2 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA310A2
Description  INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA310A2 Datasheet(HTML) 1 Page - Texas Instruments

  INA310A2 Datasheet HTML 1Page - Texas Instruments INA310A2 Datasheet HTML 2Page - Texas Instruments INA310A2 Datasheet HTML 3Page - Texas Instruments INA310A2 Datasheet HTML 4Page - Texas Instruments INA310A2 Datasheet HTML 5Page - Texas Instruments INA310A2 Datasheet HTML 6Page - Texas Instruments INA310A2 Datasheet HTML 7Page - Texas Instruments INA310A2 Datasheet HTML 8Page - Texas Instruments INA310A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-
Drain Comparator and Reference
1 Features
• Wide common-mode voltage:
– Operational voltage: −4 V to +110 V
– Survival voltage: −20 V to +120 V
• High signal bandwidth: 1.3 MHz
• Slew rate: 2.5 V/µs
• Excellent CMRR: 160 dB
• Accuracy
– Gain error (maximum)
• Version A: 0.15%, 10 ppm/°C drift
• Version B: 0.5%, 20 ppm/°C drift
– Offset voltage (maximum)
• Version A: ±20 µV, ±0.25 µV/°C drift
• Version B: ±150 µV, ±1 µV/°C drift
• On-board open-drain comparator
• Internal comparator voltage reference: 0.6 V
• Propagation delay time: 1 µs
• Latching capability on comparator
• Available gains:
– INA310A1, INA310B1 : 20 V/V
– INA310A2, INA310B2 : 50 V/V
– INA310A3, INA310B3 : 100 V/V
– INA310A4, INA310B4 : 200 V/V
– INA310A5, INA310B5 : 500 V/V
• Package options: VSSOP-8
2 Applications
• 48 V DC/DC converter
• 48 V battery management systems (BMS)
• Test and measurement
• Macro remote radio unit (RRU)
• 48 V rack server
• 48 V merchant network & server power supply
(PSU)
• Solenoids and actuators
3 Description
The INA310x is an ultra-precise current sense
amplifier that can measure voltage drops across
shunt resistors over a wide common-mode range
from –4 V to 110 V, independent of supply voltage
with an integrated comparator. The high precision
current measurement accuracy is achieved through a
combination of low offset voltage (20 µV, maximum),
small gain error (0.15%, maximum) and a high DC
CMRR (160 dB, typical). The INA310x has a high
signal bandwidth of 1.3 MHz designed for high
voltage DC current measurements and high-speed
applications like fast overcurrent protection.
The INA310x incorporates an open-drain comparator
and internal reference that provides a 0.6 V threshold.
An external resistive divider sets the current trip point.
The comparator includes a latching capability that can
be made transparent by grounding (or leaving open)
the RESET pin.
The INA310x operates from a single 2.7 V to 20 V
supply and draws 1.6 mA of supply current. The
INA310x is available in five gain options: 20 V/V,
50 V/V, 100 V/V, 200 V/V, and 500 V/V. These gain
options address a wide dynamic range of current-
sensing applications.
The INA310x is specified over an operating
temperature range of −40°C to +125°C and is offered
in a space-saving 8-pin VSSOP package.
Package Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA310A
VSSOP (8)
3.00 mm × 3.00 mm
INA310B
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
INA310
VS
OUT
GND
IN+
IN-
-
+
CMPOUT
RESET
2.7V to 20V
Supply
0.6-V
Reference
Controller
GPIO
GPIO
ADC
ADC
Battery
CMPIN
Typical Application
INA310A, INA310B
SBOSA86 – MARCH 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA310A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA310A2 TI-INA310A2 Datasheet
1Mb / 32P
INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
MARCH 2023
INA310A2IDGKR TI-INA310A2IDGKR Datasheet
1Mb / 32P
INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
MARCH 2023
INA310A2QDGKRQ1 TI-INA310A2QDGKRQ1 Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
More results

Similar Description - INA310A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA281 TI-INA281 Datasheet
1Mb / 28P
INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
INA293-Q1 TI-INA293-Q1_V01 Datasheet
1Mb / 27P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA293-Q1 TI-INA293-Q1_V02 Datasheet
1Mb / 29P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA296A TI-INA296A_V01 Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA310A TI-INA310A Datasheet
1Mb / 32P
INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
MARCH 2023
INA310A-Q1 TI-INA310A-Q1 Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
INA310A-Q1 TI-INA310A-Q1_V01 Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
INA296A TI-INA296A_V04 Datasheet
2Mb / 43P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com