Electronic Components Datasheet Search
  English  ▼

X  

CSZA2.8A Datasheet(PDF) 3 Page - Leshan Radio Company

Part # CSZA2.8A
Description  Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

CSZA2.8A Datasheet(HTML) 3 Page - Leshan Radio Company

  CSZA2.8A Datasheet HTML 1Page - Leshan Radio Company CSZA2.8A Datasheet HTML 2Page - Leshan Radio Company CSZA2.8A Datasheet HTML 3Page - Leshan Radio Company CSZA2.8A Datasheet HTML 4Page - Leshan Radio Company CSZA2.8A Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Leshan Radio Company, LTD.
3/4
5. ELECTRICAL CHARACTERISTIC CURVES
Vz--Iz
Vz--Iz
0
50
ZENER VOLTAGE
Vz(V)
P--Ta
AMBIENT TEMPERATURE Ta(℃)
170
190
250
300
350
50
100
150
200
5
0
1
5
1
0
2
5
2
30
130
35
20
16
12
8
4
50
40
30
70
90
110
20
10
150
0
250
750
500
1000
Rev.A Oct. 2022



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com