Electronic Components Datasheet Search
  English  ▼

X  

CSZA2.8A Datasheet(PDF) 1 Page - Leshan Radio Company

Part # CSZA2.8A
Description  Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

CSZA2.8A Datasheet(HTML) 1 Page - Leshan Radio Company

  CSZA2.8A Datasheet HTML 1Page - Leshan Radio Company CSZA2.8A Datasheet HTML 2Page - Leshan Radio Company CSZA2.8A Datasheet HTML 3Page - Leshan Radio Company CSZA2.8A Datasheet HTML 4Page - Leshan Radio Company CSZA2.8A Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NOTES:
1. Mounted on Copper Leaf area of 1.57in2 (40mm2).
Operating Junction Temperature Range
-55 to +150
℃
/W
PARAMETER
VALUE
UNITS
CSZA***A
Glass Passivated Junction Zener Voltage Regulator
1.0 Watt Steady State
Leshan Radio Company, LTD.
1/4
Rev.A Oct. 2022
1
2
CSMA
2
1
CATHODE
ANODE
SYMBOL
TJ
1. FEATURES
•
1W zener voltage regulator diodes
•
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
•
Guarding for over voltage protection
•
Ideal for surface-mount applications
•
High temperature soldering guaranteed: 260°C/10 seconds at
terminals
•
We declare that the material of product complies with RoHS
requirements and Halogen Free.
2. MECHANICAL DATA
Case: JEDEC DO-214AC, molded plastic over glass die
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.07g
3. MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Storage Temperature Range
TSTG
-55 to +150
Z-current
PV/VZ
IZ
mA
℃
/W
Steady State Power Dissipation at TL=75°C(Note 1)
W
PM(AV)
1.0


Similar Part No. - CSZA2.8A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
CSZA160A LRC-CSZA160A Datasheet
367Kb / 5P
Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.B Oct. 2022
More results

Similar Description - CSZA2.8A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_13 Datasheet
279Kb / 7P
1.0 Watt Glass Passivated Junction Silicon Zener Diodes
logo
Leshan Radio Company
SZA6.8A LRC-SZA6.8A Datasheet
185Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SZA2.4A LRC-S-SZA2.4A Datasheet
195Kb / 4P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
SZAF2.4A LRC-SZAF2.4A Datasheet
1Mb / 9P
Zener voltage regulator diodes 1 Watt Steady State
SZBF5.1A LRC-SZBF5.1A Datasheet
213Kb / 10P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 2.0 Watt Steady State
SODZ5.1A-SH LRC-SODZ5.1A-SH Datasheet
1Mb / 11P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
S-SODZ5.1A-SH LRC-S-SODZ5.1A-SH Datasheet
1Mb / 11P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.0 Watt Steady State
logo
First Silicon Co., Ltd
SMF4728A FS-SMF4728A Datasheet
145Kb / 4P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes , 1.0 Watt Steady State
SZAF220 FS-SZAF220 Datasheet
144Kb / 4P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.5 Watt Steady State
logo
Leshan Radio Company
S-CSZAXXXA LRC-S-CSZAXXXA Datasheet
367Kb / 5P
Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
Rev.B Oct. 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com