Electronic Components Datasheet Search
  English  ▼

X  

BDL32 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BDL32
Description  PNP BISS-transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BDL32 Datasheet(HTML) 1 Page - NXP Semiconductors

  BDL32 Datasheet HTML 1Page - NXP Semiconductors BDL32 Datasheet HTML 2Page - NXP Semiconductors BDL32 Datasheet HTML 3Page - NXP Semiconductors BDL32 Datasheet HTML 4Page - NXP Semiconductors BDL32 Datasheet HTML 5Page - NXP Semiconductors BDL32 Datasheet HTML 6Page - NXP Semiconductors BDL32 Datasheet HTML 7Page - NXP Semiconductors BDL32 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1998 Aug 03
1999 Apr 29
DISCRETE SEMICONDUCTORS
BDL32
PNP BISS-transistor
ok, halfpage
M3D087


Similar Part No. - BDL32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BDL31 PHILIPS-BDL31 Datasheet
43Kb / 8P
NPN BISS-transistor
1999 Apr 28
logo
Schneider Electric
BDL36000S12 SCHNEIDER-BDL36000S12 Datasheet
114Kb / 2P
Automatic Switch, PowerPact B, Unit Mount, 600V AC, 125 A, 3 Pole, EverLink
Jun 22, 2020
BDL36015 SCHNEIDER-BDL36015 Datasheet
128Kb / 3P
PowerPact B Circuit Breaker, 15A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL,EverLink
Jun 22, 2020
BDL36015AA SCHNEIDER-BDL36015AA Datasheet
107Kb / 2P
PowerPact B Circuit Breaker, 15A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL,EverLink
Jun 25, 2020
BDL36015LU SCHNEIDER-BDL36015LU Datasheet
116Kb / 3P
Circuit breaker, PowerPact B, 15A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, Everlink, control wire ON end
Jun 22, 2020
More results

Similar Description - BDL32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMMT591A PHILIPS-PMMT591A Datasheet
42Kb / 8P
PNP BISS transistor
1999 Aug 04
PBSS302PD PHILIPS-PBSS302PD Datasheet
134Kb / 14P
40 V PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
PBSS5220T PHILIPS-PBSS5220T Datasheet
55Kb / 7P
20V, 2A PNP low VCEsat (BISS) transistor
2003 Dec 18
PBSS4032SP PHILIPS-PBSS4032SP_15 Datasheet
173Kb / 15P
30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
Rev. 2-13 October 2010
PBSS5440D PHILIPS-PBSS5440D_15 Datasheet
197Kb / 13P
40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009
PMMT591A PHILIPS-PMMT591A_15 Datasheet
127Kb / 7P
PNP BISS transistor
2004 Jan 13
logo
Nexperia B.V. All right...
PBSS5255PAPS NEXPERIA-PBSS5255PAPS Datasheet
732Kb / 17P
55V, 2A PNP/PNP low VCEsat (BISS) double transistor
PBSS5255PAPS-Q NEXPERIA-PBSS5255PAPS-Q Datasheet
284Kb / 15P
55V, 2A PNP/PNP low VCEsat (BISS) double transistor
23 September 2021
PBSS5440D NEXPERIA-PBSS5440D Datasheet
311Kb / 14P
40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009
PMMT591A NEXPERIA-PMMT591A Datasheet
317Kb / 8P
PNP BISS transistor
2004 Jan 13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com