Electronic Components Datasheet Search
  English  ▼

X  

SSM2301 Datasheet(PDF) 1 Page - Texas Instruments

Part # SSM2301
Description  Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SSM2301 Datasheet(HTML) 1 Page - Texas Instruments

  SSM2301 Datasheet HTML 1Page - Texas Instruments SSM2301 Datasheet HTML 2Page - Texas Instruments SSM2301 Datasheet HTML 3Page - Texas Instruments SSM2301 Datasheet HTML 4Page - Texas Instruments SSM2301 Datasheet HTML 5Page - Texas Instruments SSM2301 Datasheet HTML 6Page - Texas Instruments SSM2301 Datasheet HTML 7Page - Texas Instruments SSM2301 Datasheet HTML 8Page - Texas Instruments SSM2301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Filterless High Efficiency Mono 1.4 W
Class-D Audio Amplifier
Preliminary Technical Data
SSM2301
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Filterless Class-D amplifier with built-in output stage
1.4 W into 8 Ω at 5.0 V supply with less than 1% THD
85% efficiency at 5.0 V, 1.4 W into 8 Ω speaker
Better than 98 dB SNR (signal-to-noise ratio)
Single-supply operation from 2.5 V to 5.0 V
20 nA ultralow shutdown current
Short-circuit and thermal protection
Available in 8-lead, 3 mm × 3 mm LFCSP
Pop-and-click suppression
Built-in resistors reduce board component count
Fixed and user-adjustable gain configurations
APPLICATIONS
Mobile phones
MP3 players
Portable gaming
Portable electronics
Educational toys
GENERAL DESCRIPTION
The SSM2301 is a fully integrated, high efficiency, Class-D audio
amplifier. It is designed to maximize performance for mobile
phone applications. The application circuit requires a minimum
of external components and operates from a single 2.5 V to 5.0 V
supply. It is capable of delivering 1.4 W of continuous output
power with less than 1% THD + N driving an 8 Ω load from a
5.0 V supply.
The SSM2301 features a high efficiency, low noise modulation
scheme that does not require any external LC output filters. The
modulation continues to provide high efficiency even at low
output power. It operates with 85% efficiency at 1.4 W into 8 Ω
from a 5.0 V supply and has a signal-to-noise ratio (SNR) that is
better than 93 dB. Spread-spectrum modulation is used to
provide lower EMI-radiated emissions compared with other
Class-D architectures.
The SSM2301 has a micropower shutdown mode with a
maximum shutdown current of 30 nA. Shutdown is enabled by
applying a logic low to the SD pin.
The device also includes pop-and-click suppression circuitry.
This minimizes voltage glitches at the output during turn-on
and turn-off, thus reducing audible noise on activation and
deactivation.
The fully differential input of the SSM2301 provides excellent
rejection of common-mode noise on the input. Input coupling
capacitors can be omitted if the dc input common-mode voltage
is approximately VDD/2.
The SSM2301 also has excellent rejection of power supply noise,
including noise caused by GSM transmission bursts and RF
rectification. PSRR is typically 63 dB at 217 Hz.
The gain can be set to 6 dB or 12 dB utilizing the gain control
select pin connected respectively to ground or VDD. Gain can
also be adjusted externally by using an external resistor.
The SSM2301 is specified over the comercial temperature range
(−40°C to +85°C). It has built-in thermal shutdown and output
short-circuit protection. It is available in an 8-lead, 3 mm × 3 mm
lead-frame chip scale package (LFCSP).
FUNCTIONAL BLOCK DIAGRAM
SHUTDOWN
GAIN
CONTROL
FET
DRIVER
MODULATOR
0.1µF
VDD
GND
OSCILLATOR
POP/CLICK
SUPRESSION
OUT+
OUT–
BIAS
IN+
VBATT
2.5V TO 5.0V
IN–
GAIN
10µF
0.01µF1
1 INPUT CAPS ARE OPTIONAL IF INPUT DC COMMON-MODE
VOLTAGE IS APPROXIMATELY VDD/2.
0.01µF1
SD
AUDIO IN–
AUDIO IN+
SSM2301
Figure 1.
Rev. PrH


Similar Part No. - SSM2301

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2301 AD-SSM2301 Datasheet
430Kb / 16P
Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
10/07-Rev. 0 to Rev. A
SSM2301-EVALZ AD-SSM2301-EVALZ Datasheet
430Kb / 16P
Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
10/07-Rev. 0 to Rev. A
SSM2301CPZ AD-SSM2301CPZ Datasheet
430Kb / 16P
Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
10/07-Rev. 0 to Rev. A
SSM2301CPZ-R2 AD-SSM2301CPZ-R2 Datasheet
430Kb / 16P
Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
10/07-Rev. 0 to Rev. A
SSM2301CPZ-REEL AD-SSM2301CPZ-REEL Datasheet
430Kb / 16P
Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
10/07-Rev. 0 to Rev. A
More results

Similar Description - SSM2301

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
1/08-Revision 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
REV. A
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
5/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com