Electronic Components Datasheet Search
  English  ▼

X  

SSM2301 Datasheet(PDF) 13 Page - Texas Instruments

Part # SSM2301
Description  Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SSM2301 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SSM2301 Datasheet HTML 9Page - Texas Instruments SSM2301 Datasheet HTML 10Page - Texas Instruments SSM2301 Datasheet HTML 11Page - Texas Instruments SSM2301 Datasheet HTML 12Page - Texas Instruments SSM2301 Datasheet HTML 13Page - Texas Instruments SSM2301 Datasheet HTML 14Page - Texas Instruments SSM2301 Datasheet HTML 15Page - Texas Instruments SSM2301 Datasheet HTML 16Page - Texas Instruments SSM2301 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Preliminary Technical Data
SSM2301
EVALUATION BOARD INFORMATION
INTRODUCTION
The SSM2301 audio power amplifier is a complete low power,
Class-D, stereo audio amplifier capable of delivering 1.4 W/channel
into 8 Ω load. In addition to the minimal parts required for the
application circuit, measurement filters are provided on the
evaluation board so that conventional audio measurements can
be made without additional components.
This section provides an overview of Analog Devices SSM2301
evaluation board. It includes a brief description of the board as
well as a list of the board specifications.
Table 5. SSM2301 Evaluation Board Specifications
Parameter
Specification
Supply Voltage Range, VDD
2.5 V to 5.0 V
Power Supply Current Rating
1.5 A
Continuous Output Power, PO
(RL = 8 Ω, f = 1 kHz, 22 kHz BW)
1.4 W
Minimum Load Impedance
8 Ω
OPERATION
Use the following steps when operating the SSM2301
evaluation board.
Power and Ground
1.
Set the power supply voltage between 2.5 V and 5.0 V. When
connecting the power supply to the SSM2301 evaluation
board, make sure to attach the ground connection to the
GND header pin first and then connect the positive supply
to the VDD header pin.
Inputs and Outputs
1.
Ensure that the audio source is set to the minimum level.
2.
Connect the audio source to Inputs IN± and IN±.
3.
Connect the speakers to Outputs OUT± and OUT±.
Gain Control
The gain select header controls the gain setting of the SSM2301.
1.
Select jumper to LG for 6 dB gain.
2.
Select jumper to HG for 12 dB gain.
External Gain Settings
It is possible to adjust the SSM2301 gain using external resistors
at the input. To set a gain lower than 12 dB refer to Figure 21
and Figure 22 on the product data sheet for proper circuit con-
figuration. For external gain configuration from a fixed 12 dB
gain, use the following formula:
External Gain Settings = 20 log[4/(1 + R/150 kΩ)]
To set a gain lower than 6 dB refer to Figure 23 and Figure 24
on the product data sheet for proper circuit configuration. For
external gain configuration from a fixed 6 dB gain, use the
following formula:
External Gain Settings = 20 log[2/(1 + R/150 kΩ)]
Shutdown Control
The shutdown select header controls the shutdown function of
the SSM2301. The shutdown pin on the SSM2301 is active low,
meaning that a low voltage (GND) on this pin places the SSM2301
into shutdown mode.
1.
Select jumper to 1-2 position. Shutdown pulled to VDD.
2.
Select jumper to 2-3 position. Shutdown pulled to GND.
Input Configurations
1.
For differential input configuration with input capacitors
do not place a jumper on J2 and J3.
2.
For differential input configuration without input capacitors
place a jumper on J2 and J3.
Rev. PrH | Page 13 of 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com