Electronic Components Datasheet Search
  English  ▼

X  

FSFLK Datasheet(PDF) 15 Page - NXP Semiconductors

Part # FSFLK
Description  Freescale Sensor Fusion Library for Kinetis MCUs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FSFLK Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button FSFLK Datasheet HTML 11Page - NXP Semiconductors FSFLK Datasheet HTML 12Page - NXP Semiconductors FSFLK Datasheet HTML 13Page - NXP Semiconductors FSFLK Datasheet HTML 14Page - NXP Semiconductors FSFLK Datasheet HTML 15Page - NXP Semiconductors FSFLK Datasheet HTML 16Page - NXP Semiconductors FSFLK Datasheet HTML 17Page - NXP Semiconductors FSFLK Datasheet HTML 18Page - NXP Semiconductors FSFLK Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Freescale Sensor Fusion Library for Kinetis MCUs, Rev. 0.7, 9/2015
Freescale Semiconductor, Inc.
Kinetis Cortex M4
Table 5. Kinetis Cortex M4
Component / Parameter
Value
Baseboard
FRDM-K20D50M
Sensor Board
FRDM-FXS-MULT2-B
MCU
Kinetis MK20DX128VLH5
CPU
ARM® Cortex M4
CPU Clock
48 MHz
Bus Clock
24 MHz
Accelerometer
FXOS8700CQ
Magnetometer
Gyroscope
FXAS21000
Sensor Sampling Rate
200 Hz
Fusion Rate
25 Hz
Magnetic Calibration Rate
Twice per minute once full calibration is reached
This board combination is battery powered and nominally regulated to 3.3 V for use by the sensors in
question. Physically, the FRDM-K20D50M / FRDM-FXS-MULT2- B board combination is similar to the
KL25Z variant shown in Figure 8, with the exception that the bottom board is red.
Kinetis Cortex M4 with FPU
Table 6. Kinetis Cortex M4 with FPU
Component / Parameter
Value
Baseboard
FRDM-K64F / FRDM-K22F
Sensor Board
FRDM-FXS-MULT2-B
MCU
Kinetis MK64FN1M0VLL12 / MK22FN512VLH12
CPU
ARM® Cortex M4 with FPU
CPU Clock
120 MHz
Bus Clock
60 MHz
Accelerometer
FXOS8700CQ
Magnetometer
Gyroscope
FXAS21000
Sensor Sampling Rate
200 Hz
Fusion Rate
25 Hz
Magnetic Calibration Rate
Twice per minute once full calibration is reached
The FRDM-K64F /FRDM-K22F / FRDM-FXS-MULTI-B board combinations are similar to the KL25Z
variant shown in Figure 8, except that the bottom base board is different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com