Electronic Components Datasheet Search
  English  ▼

X  

BAV99S Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAV99S
Description  High-speed switching diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV99S Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAV99S Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
BAV99_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 18 November 2010
3 of 14
Nexperia
BAV99 series
High-speed switching diodes
5.
Limiting values
[1]
Single diode loaded.
[2]
Double diode loaded.
[3]
Tj =25 °C prior to surge.
[4]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[5]
Soldering points at pins 2, 3, 5 and 6.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-100
V
VR
reverse voltage
-
100
V
IF
forward current
BAV99
[1] -215
mA
[2] -125
mA
BAV99S
[1] -200
mA
BAV99W
[1] -150
mA
[2] -130
mA
IFRM
repetitive peak forward
current
-500
mA
IFSM
non-repetitive peak
forward current
square wave
[3]
tp =1 μs-
4
A
tp =1ms
-
1
A
tp =1s
-
0.5
A
Ptot
total power dissipation
[1][4]
BAV99
Tamb ≤ 25 °C-
250
mW
BAV99S
Tsp ≤ 85 °C
[5] -250
mW
BAV99W
Tamb ≤ 25 °C-
200
mW
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com