Electronic Components Datasheet Search
  English  ▼

X  

BAV99S Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAV99S
Description  High-speed switching diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV99S Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAV99S Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV99S Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
BAV99_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 8 — 18 November 2010
4 of 14
Nexperia
BAV99 series
High-speed switching diodes
6.
Thermal characteristics
[1]
Single diode loaded.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Soldering points at pins 2, 3, 5 and 6.
7.
Characteristics
[1]
When switched from IF = 10 mA to IR =10mA; RL = 100 Ω; measured at IR =1mA.
[2]
When switched from IF =10mA; tr =20ns.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2]
BAV99
-
-
500
K/W
BAV99W
-
-
625
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
BAV99
-
-
360
K/W
BAV99S
[3] -
-
260
K/W
BAV99W
-
-
300
K/W
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
IF = 1 mA
-
-
715
mV
IF = 10 mA
-
-
855
mV
IF = 50 mA
--1
V
IF = 150 mA
--1.25
V
IR
reverse current
VR = 25 V
--30
nA
VR = 80 V
--0.5
μA
VR =25V; Tj =150 °C
--30
μA
VR =80V; Tj =150 °C
--50
μA
Cd
diode capacitance
f = 1 MHz; VR = 0 V
--1.5
pF
trr
reverse recovery time
[1] --4
ns
VFR
forward recovery voltage
[2] --1.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com