Electronic Components Datasheet Search
  English  ▼

X  

HPZR Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # HPZR
Description  4.1 W high power voltage regulator diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

HPZR Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  HPZR Datasheet HTML 1Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 2Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 3Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 4Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 5Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 6Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 7Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 8Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
HPZR series
4.1 W high power voltage regulator diodes
Table 11. Characteristics per type; HPZR-C8V8 to HPZR-C75
Tj = 25 °C unless otherwise specified.
Working voltage
VZ (V)
IZ = 1 mA
Reverse current
IR (μA)
Differential
resistance
RZ (Ω)
IZ = 20 mA
HPZR
-Cxxx
Min
Max
Max
VR (V)
Max
8V8
8.33
9.21
50
7.5
14.84
9V4
8.89
9.83
25
8.0
16.43
10
9.44
10.40
10
8.5
18.02
11
10.00
11.10
5
9.0
19.61
12
11.10
12.30
2.5
10.0
21.20
13
12.20
13.50
2.5
11.0
22.79
14
13.30
14.70
2.5
12
24.38
15
14.40
15.90
0.1
13
25.97
17
15.60
17.20
0.1
14
27.56
18
16.70
18.50
0.1
15
29.15
19
17.80
19.70
0.1
16
30.74
20
18.90
20.90
0.1
17
32.33
21
20.00
22.10
0.1
18
33.92
23
22.20
24.50
0.1
20
35.51
26
24.40
26.90
0.1
22
36.57
28
26.70
29.50
0.1
24
37.10
30
28.90
31.90
0.1
26
40.28
33
31.10
34.40
0.1
28
43.46
35
33.30
36.80
0.1
30
46.64
39
36.70
40.60
0.1
33
49.82
42
40.00
44.20
0.1
36
53.00
47
44.40
49.10
0.1
40
56.18
50
47.80
52.80
0.1
43
59.36
53
50.00
55.30
0.1
45
62.54
56
53.30
58.90
0.1
48
65.72
60
56.70
62.70
0.1
51
68.90
63
60.00
66.30
0.1
54
72.08
68
64.40
71.20
0.1
58
75.26
70
66.70
73.70
0.1
60
76.32
75
71.10
78.60
0.1
64
77.38
HPZR_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 4 — 10 March 2023
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com