Electronic Components Datasheet Search
  English  ▼

X  

HPZR Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # HPZR
Description  4.1 W high power voltage regulator diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

HPZR Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button HPZR Datasheet HTML 4Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 5Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 6Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 7Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 8Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 9Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 10Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 11Page - Nexperia B.V. All rights reserved HPZR Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Nexperia
HPZR series
4.1 W high power voltage regulator diodes
12. Soldering
SOD123W
Footprint information for reflow soldering of CFP3 package
sod123w_fr
Issue date 17-06-09
20-02-28
occupied area
solder land
solder resist
solder paste
Dimensions in mm
1.1
1.1
1.2 1.4
recommended stencil thickness: 0.1 mm
1.6
2.1
1.2
1.4
4.4
2.9
2.8
Fig. 8. Reflow soldering footprint for CFP3 (SOD123W)
HPZR_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 4 — 10 March 2023
8 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com