Electronic Components Datasheet Search
  English  ▼

X  

LT8610 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8610
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8610 Datasheet HTML 9Page - Analog Devices LT8610 Datasheet HTML 10Page - Analog Devices LT8610 Datasheet HTML 11Page - Analog Devices LT8610 Datasheet HTML 12Page - Analog Devices LT8610 Datasheet HTML 13Page - Analog Devices LT8610 Datasheet HTML 14Page - Analog Devices LT8610 Datasheet HTML 15Page - Analog Devices LT8610 Datasheet HTML 16Page - Analog Devices LT8610 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LT8650SP
13
Rev. B
For more information www.analog.com
BLOCK DIAGRAM
8650sp BD
VIN1
VOUT1
CIN1
L1
TEMP
C1
10nF
×2
C5
0.1µF
C3
0.1µF
CVCC
COUT1
VIN1
CSS1
R5
R6
GND
BIAS
VIN1
VCC
VCC
BST1
EN/UV1
SHDN1
0.74V
VOUT1
CFF1
R1
R2
FB1
PG1
SS1
CC1
VC1
SW1
GND
DRIVER
SWITCH
LOGIC
AND ANTI-
SHOOT
THROUGH
BURST
LOGIC
CLKOUT
RT
SYNC
INTERNAL
REFERENCE AND
3.4V REGULATOR
VIN2
R7
R8
RC1
EN/UV2
SHDN2
+
–
VCC – 0.2V
0.74V
+
–
0.8V
SHDN1
ERROR
AMP
TSD
VIN1 UVLO
VCC UVLO
±7.5V
VC1
+
+
–
VIN1 UVLO
TSD
SHDN1
2µA
2µA
SLOPE
COMP
SLOPE
COMP
VCC
VIN2
VOUT2
CIN2
L2
C2
10nF
×2
C4
0.1µF
COUT2
CSS2
VIN2
VCC
BST2
VOUT2
CFF2
R3
R4
FB2
PG2
SS2
CC2
VC2
SW2
GND
DRIVER
SWITCH
LOGIC
AND ANTI-
SHOOT
THROUGH
BURST
LOGIC
RC2
RT
VCC – 0.2V
0.8V
SHDN2
TSD
VIN1 UVLO
VCC UVLO
±7.5V
VC2
+
+
–
VIN1 UVLO
TSD
SHDN2
VCC
OSCILLATOR
300kHz TO 3MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com