Electronic Components Datasheet Search
  English  ▼

X  

LT8610 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8610
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8610 Datasheet HTML 14Page - Analog Devices LT8610 Datasheet HTML 15Page - Analog Devices LT8610 Datasheet HTML 16Page - Analog Devices LT8610 Datasheet HTML 17Page - Analog Devices LT8610 Datasheet HTML 18Page - Analog Devices LT8610 Datasheet HTML 19Page - Analog Devices LT8610 Datasheet HTML 20Page - Analog Devices LT8610 Datasheet HTML 21Page - Analog Devices LT8610 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LT8650SP
18
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
InBurstMode,theLT8650SPiscapableofamaximumduty
cycle of greater than 99%, and the VIN to VOUT dropout is
limited by the RDS(ON) of the top switch. In this mode the
channel that enters dropout skips switch cycles, resulting
inalowerswitchingfrequency.Inforcedcontinuousmode,
the LT8650SP will not skip cycles to achieve a higher duty
cycle. The part will maintain the programmed switching
frequency and the dropout voltage will be larger due to
the smaller maximum duty cycle.
For applications that cannot allow deviation from the pro-
grammed switching frequency at low VIN/VOUT ratios use
the following formula to set switching frequency:
VIN(MIN) =
VOUT +VSW(BOT)
1– fSW • tOFF(MIN)
– VSW(BOT) +VSW(TOP)
where VIN(MIN) is the minimum input voltage without
skipped cycles, VOUT is the output voltage, VSW(TOP) and
VSW(BOT) are the internal switch drops (~0.3V, ~0.12V,
respectively at maximum load), fSW is the switching fre-
quency (set by RT), and tOFF(MIN) is the minimum switch
off-time.Notethathigherswitchingfrequencywillincrease
the minimum input voltage below which cycles will be
dropped to achieve higher duty cycle.
Note there is no minimum VIN2 voltage requirement as it
does not supply the internal common bias circuits, making
the channel 2 uniquely capable of operating from very low
input voltages as long as VIN1hasasupplyof3Vorgreater.
Inductor Selection and Maximum Output Current
The LT8650SP is designed to minimize solution size by
allowing the inductor to be chosen based on the output
load requirements of the application. During overload or
short-circuit conditions the LT8650SP safely tolerates
operation with a saturated inductor through the use of a
high speed peak-current mode architecture.
A good first choice for the inductor value is:
L1,2=
VOUT1,2 +VSW(BOT)
2fSW
where fSW is the switching frequency in MHz, VOUT is the
outputvoltage,VSW(BOT)isthebottomswitchdrop(~0.12V)
and L is the inductor value in μH. To avoid overheating and
poor efficiency, an inductor must be chosen with an RMS
current rating that is greater than the maximum expected
output load of the application. In addition, the saturation
current (typically labeled ISAT) rating of the inductor must
be higher than the load current plus 1/2 of in inductor
ripple current:
IL(PEAK) =ILOAD(MAX) +
1
2
ΔIL
where ∆IL is the inductor ripple current as calculated in
Equation 1 and ILOAD(MAX) is the maximum output load
for a given application.
As a quick example, an application requiring 1A output
should use an inductor with an RMS rating of greater than
1A and an ISAT of greater than 1.3A. During long duration
overloadorshort-circuitconditions,theinductorRMSrat-
ingrequirementmustbegreatertoavoidoverheatingofthe
inductor. To keep the efficiency high, the series resistance
(DCR) should be less than 0.04Ω, and the core material
should be intended for high frequency applications.
The LT8650SP limits the peak switch current in order to
protect the switches and the system from overload faults.
The top switch current limit (ILIM) is at least 13A at low
duty cycles and decreases linearly to 10A at DC = 0.8. The
inductorvaluemustthenbesufficienttosupplythedesired
maximum output current (IOUT(MAX)), which is a function
of the switch current limit (ILIM) and the ripple current.
IOUT(MAX) =ILIM –
ΔIL
2
The peak-to-peak ripple current in the inductor can be
calculated as follows:
IL =
VOUT
L • fSW
• 1–
VOUT
VIN(MAX)
(1)
where fSW is the switching frequency of the LT8650SP,
and L is the value of the inductor. Therefore, the maximum
output current that the LT8650SP will deliver depends on
the switch current limit, the inductor value, and the input
and output voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com