Electronic Components Datasheet Search
  English  ▼

X  

LT8612 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8612
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8612 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8612 Datasheet HTML 16Page - Analog Devices LT8612 Datasheet HTML 17Page - Analog Devices LT8612 Datasheet HTML 18Page - Analog Devices LT8612 Datasheet HTML 19Page - Analog Devices LT8612 Datasheet HTML 20Page - Analog Devices LT8612 Datasheet HTML 21Page - Analog Devices LT8612 Datasheet HTML 22Page - Analog Devices LT8612 Datasheet HTML 23Page - Analog Devices LT8612 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LT8650SP
20
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
When choosing a capacitor, special attention should be
giventothedatasheettocalculatetheeffectivecapacitance
undertherelevantoperatingconditionsofvoltagebiasand
temperature. A physically larger capacitor or one with a
higher voltage rating may be required.
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT8650SP due to their piezoelectric
nature. When in Burst Mode operation, the LT8650SP’s
switching frequency depends on the load current, and
at very light loads the LT8650SP can excite the ceramic
capacitor at audio frequencies, generating audible noise.
SincetheLT8650SPoperatesatalowercurrentlimitduring
Burst Mode operation, the noise is typically very quiet to a
casual ear. If this is unacceptable, use a high performance
tantalum or electrolytic capacitor at the output. Low noise
ceramic capacitors are also available.
Table 3. Ceramic Capacitor Manufacturers
MANUFACTURER
WEB
Taiyo Yuden
www.t-yuden.com
AVX
www.avxcorp.com
Murata
www.murata.com
TDK
www.tdk.com
Enable Pin
The LT8650SP is in shutdown when both EN/UV pins are
low and active when either pin is high. The rising threshold
of the EN/UV comparator is 0.74V, with 30mV of hyster-
esis. The EN/UV pins can be tied to VIN if the shutdown
feature is not used, or tied to a logic level if shutdown
control is required.
Adding a resistor divider from VIN to EN/UV programs the
LT8650SP to operate only when VIN is above a desired
voltage (see the Block Diagram). Typically, this threshold,
VIN(EN), is used in situations where the input supply is cur-
rent limited, or has a relatively high source resistance. A
switchingregulatordrawsconstantpowerfromthesource,
so source current increases as source voltage drops. This
looks like a negative resistance load to the source and can
cause the source to current limit or latch low under low
source voltage conditions. The VIN(EN) threshold prevents
the regulator from operating at source voltages where the
problems might occur. This threshold can be adjusted by
setting the values R5 and R6 (R7 and R8 for channel 2)
such that they satisfy the following equation:
VIN(EN) =
R5
R6
+1
⎛
⎝⎜
⎞
⎠⎟
•0.74V
wherethecorrespondingchannelwillremainoffuntilVINis
above VIN(EN).Duetothecomparator’shysteresis,switch-
ing will not stop until the input falls slightly below VIN(EN).
When operating in Burst Mode operation for light load
currents, the current through the VIN(EN) resistor network
can easily be greater than the supply current consumed
by the LT8650SP. Therefore, the VIN(EN) resistors should
be large to minimize their effect on efficiency at low loads.
VCC Regulator
Aninternallowdropout(LDO)regulatorproducesthe3.4V
supply from VIN1 that powers the drivers and the internal
bias circuitry. For this reason, VIN1 must be present and
valid to use either channel. The VCC can supply enough
currentfortheLT8650SP’scircuitryandmustbebypassed
to ground with a 1μF ceramic capacitor. Good bypassing is
necessary to supply the high transient currents required
by the power MOSFET gate drivers. To improve efficiency
the internal LDO can also draw current from the BIAS pin
when the BIAS pin is at 3.1V or higher. Typically the BIAS
pin can be tied to the lowest output or external supply
above 3.1V. If BIAS is connected to a supply other than
VOUT, be sure to bypass with a local ceramic capacitor. If
the BIAS pin is below 3V, the internal LDO will consume
current from VIN1.
Applications with high input voltage and high switching
frequency where the internal LDO pulls current from VIN1
will increase die temperature because of the higher power
dissipation across the LDO. Do not connect an external
load to the VCC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com