Electronic Components Datasheet Search
  English  ▼

X  

LT8612 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8612
Description  Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8612 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8612 Datasheet HTML 19Page - Analog Devices LT8612 Datasheet HTML 20Page - Analog Devices LT8612 Datasheet HTML 21Page - Analog Devices LT8612 Datasheet HTML 22Page - Analog Devices LT8612 Datasheet HTML 23Page - Analog Devices LT8612 Datasheet HTML 24Page - Analog Devices LT8612 Datasheet HTML 25Page - Analog Devices LT8612 Datasheet HTML 26Page - Analog Devices LT8612 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LT8650SP
23
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
LT8650SP
EN/UV2
EN/UV1
VIN2
VIN1
SS1
SS2
RATIOMETRIC
START-UP
LT8650SP
EN/UV2
EN/UV1
VIN1
SS1
SS2
SEQUENCED
START-UP
LT8650SP
SEQUENCED
START-UP
RATIOMETRIC START-UP: SS1 TIED TO SS2
SEQUENCED START-UP: SS1 TIED TO EN2
SEQUENCED START-UP: PG1 TIED TO EN2
EN/UV2
EN/UV1
VIN1
PG1
PG2
VOUT2
VOUT1
8650sp F06
2ms/DIV
VOUT1
2V/DIV
VOUT2
2V/DIV
PG1
5V/DIV
PG2
5V/DIV
2ms/DIV
VOUT1
2V/DIV
VOUT2
2V/DIV
PG1
5V/DIV
PG2
5V/DIV
2ms/DIV
VOUT1
2V/DIV
VOUT2
2V/DIV
PG1
5V/DIV
PG2
5V/DIV
Figure 6. Sequencing and Start-Up Configurations
8650sp F07
VOUT
3.3V
8A
12A WITH HEAT SINK
PG2
VC2
FB2
LT8650SP
SW2
FB1
VC1
PG1
100k
1µH
1µH
BIAS
VIN1
SW1
VIN2
EN/UV1
SS2
SS1
CLKOUT
RT
220pF
4.7pF
47µF
×2
1M
316k
VIN
3.8V TO 42V
4.7µF
×2
22nF
15k
EN/UV2
TEMP
1µF
15k
fSW = 2MHz
GND SYNC
VCC
Figure 7. Two-Phase Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com