Electronic Components Datasheet Search
  English  ▼

X  

MA5821 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA5821
Description  58V Asynchronous Buck Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5821 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA5821 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5821 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/10
MA5821
Major Power Technology Co., Ltd.
Rev.1.1
24th, Sep., 2021
58V Asynchronous Buck Controller
❖
GENERAL DESCRIPTION
The MA5821 is an asynchronous buck controller. The device needs external high side power
MOSFET and low side schottky diode, and provides 3A of continuous load current over a wide
input voltage of 10V to 58V range. Current mode control provides fast transient response and
cycle-bicycle current limit. An internal soft-start function prevents inrush current at turn-on.
This device is available in small MSOP-10L-EP package, and provides a very compact
solution with minimal external components.
❖
FEATURES
-
Wide 10V~ 58V Operating Input Range
-
External High-Side P-channel MOSFET Switch
-
Output Adjustable : VFB(1.00V±2%)
-
Up to 93% Efficiency
-
Internal Soft-Start / Thermal Shutdown Protection
-
Fixed 240KHz Frequency
-
Cycle-by-Cycle Over Current Protection
-
Input Under/Over Voltage Lockout
❖
APPLICATION CIRCUIT
VIN
VDD
SENSE
GND
HGC
LX
FB
COMP
VIN
C5
0.1uF
L1
33μH
R1
40kΩ
R2
10kΩ
C7
0.1μF
OUTPUT
5V 3.0A
C3
R3
0.1μF
C2
0.1μF
MA5821
3.3nF
15kΩ
D1
SS36
C1
100μF
63V
330μF
C8
C7
EN
C6
3.3nF
Q1
PMOS
GND(PAD)
C10
4.7μF
GH
R6 18kΩ
R5 15mΩ
0.1μF
C4
OFF
ON
VOUT=VFB ×(1+R1/R2), VFB = 1.0V, R2 suggest 1K~30KΩ.


Similar Part No. - MA5821

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA5820 MPOWER-MA5820 Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
MA5820EMA MPOWER-MA5820EMA Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
More results

Similar Description - MA5821

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
ASYNCHRONOUS SERIAL CONTROLLER
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
ASYNCHRONOUS SERIAL CONTROLLER
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050_11 Datasheet
342Kb / 22P
Asynchronous Serial Controller
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
Asynchronous Serial Controller
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
Asynchronous Boost Controller
logo
Major-Power Technology ...
MA5801 MPOWER-MA5801 Datasheet
142Kb / 2P
58V Asynchronous Buck Converter
Rev.1.2
MA5802 MPOWER-MA5802 Datasheet
144Kb / 2P
58V Asynchronous Buck Converter
Rev.1.1
MA5805 MPOWER-MA5805 Datasheet
129Kb / 2P
58V Asynchronous Buck Converter for POE
Rev.1.0
MA5820 MPOWER-MA5820 Datasheet
162Kb / 2P
58V Asynchronous Buck Controller With CC/CV
Rev.1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com