Electronic Components Datasheet Search
  English  ▼

X  

PL-6313 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PL-6313
Description  Single-Chip GPS Baseband Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PL-6313 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PL-6313 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL-6313 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
PL-6313 Product Brochure
V1.0 05/06/05
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
TECHNICAL SPECIFICATIONS
Receiver Type
12 Channel, L1 Frequency, C/A Code
10m autonomous
5m WAAS
Position
3m DGPS
0.1m/sec stand-alone
Velocity
0.05m/sec DGPS
Accuracy
Time
+/-500nsec
Hot Start
< 5sec
Warm Start
< 35sec
Startup Time
Cold Start < 45sec
Acquisition better than -140dBm
Sensitivity
Tracking better than -150dBm
Reacquisition
< 1sec
Dynamics
< 4G
Altitude
-1,000m to 18,000m
Operating Limit
Velocity
500m/sec
NMEA-0183 v3.01
Protocol
Prolific Private
Interface
GPIO, SPI, UART
Power
Less than 50mW
Voltage
Core 1.8V, I/O 3.3V
10mm x 10mm TFBGA128
Package
0.8mm pitch
9mm x 9mm LQFP-64
APPLICATIONS
Global Positioning System Receivers
Car / Marine Navigation System
Fleet Management System
Vehicle Locating Systems
Personal Locator Device
Timing Reference
Asset Tracking
Smart Phone
PDA
Information provided by Prolific is believed to be accurate and reliable. These materials are provided by
Prolific as a service to its customers and may be used for informational purposes only. Prolific assumes no
responsibility for errors or omissions in these materials, nor for its use. Prolific reserves the right to change
specification at any time without notice.
Prolific products are not intended for use in medical, life-support devices, or applications involving potential
risk of death, personal injury, or severe property damage in case of failure of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com