Electronic Components Datasheet Search
  English  ▼

X  

BF1201 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF1201
Description  N-channel dual-gate PoLo MOS-FETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1201 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF1201 Datasheet HTML 1Page - NXP Semiconductors BF1201 Datasheet HTML 2Page - NXP Semiconductors BF1201 Datasheet HTML 3Page - NXP Semiconductors BF1201 Datasheet HTML 4Page - NXP Semiconductors BF1201 Datasheet HTML 5Page - NXP Semiconductors BF1201 Datasheet HTML 6Page - NXP Semiconductors BF1201 Datasheet HTML 7Page - NXP Semiconductors BF1201 Datasheet HTML 8Page - NXP Semiconductors BF1201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2000 Mar 29
4
Philips Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1201; BF1201R;
BF1201WR
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Note
1. RG1 connects G1 to VGG =5V.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VG2-S =4V; VDS =5V; ID = 15 mA; unless otherwise specified.
Note
1. Measured in Fig.21 test circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VG1-S =VG2-S = 0; ID =10 µA10
−
V
V(BR)G1-SS gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-S =10mA
6
−
V
V(BR)G2-SS gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-S =10mA
6
−
V
V(F)S-G1
forward source-gate 1 voltage
VG2-S =VDS = 0; IS-G1 = 10 mA
0.5
1.5
V
V(F)S-G2
forward source-gate 2 voltage
VG1-S =VDS = 0; IS-G2 = 10 mA
0.5
1.5
V
VG1-S(th)
gate 1-source threshold voltage
VG2-S =4V; VDS =5V; ID = 100 µA
0.3
1.0
V
VG2-S(th)
gate 2-source threshold voltage
VG1-S =VDS =5V; ID = 100 µA
0.3
1.2
V
IDSX
drain-source current
VG2-S =4V; VDS =5V; RG1 =62kΩ;
note 1
11
19
mA
IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S =5V
−
50
nA
IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =4V
−
20
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
y
fs
forward transfer admittance
pulsed; Tj =25 °C
232835mS
Cig1-ss
input capacitance at gate 1
f = 1 MHz
−
2.6
3.1
pF
Cig2-ss
input capacitance at gate 2
f = 1 MHz
−
1.1
−
pF
Coss
output capacitance
f = 1 MHz
−
0.9
−
pF
Crss
reverse transfer capacitance f = 1 MHz
−
15
30
fF
F
noise figure
f = 10.7 MHz; GS = 20 mS; BS =0
−
57dB
f = 400 MHz; YS =YS opt
−
1
1.8
dB
f = 800 MHz; YS =YS opt
−
1.9
2.5
dB
Gtr
power gain
f = 200 MHz; GS = 2 mS; BS =BS opt;
GL = 0.5 mS; BL =BL opt;
−
33.5
−
dB
f = 400 MHz; GS = 2 mS; BS =BS opt;
GL = 1 mS; BL =BL opt;
−
29
−
dB
f = 800 MHz; GS = 3.3 mS; BS =BS opt;
GL = 1 mS; BL =BL opt;
−
24
−
dB
Xmod
cross-modulation
input level for k = 1%; fw = 50 MHz;
funw = 60 MHz; note 1
at 0 dB AGC
90
−−
dB
µV
at 10 dB AGC
−
95
−
dB
µV
at 40 dB AGC
105
−−
dB
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com