Electronic Components Datasheet Search
  English  ▼

X  

BF324 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BF324
Description  PNP medium frequency transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF324 Datasheet(HTML) 1 Page - NXP Semiconductors

  BF324 Datasheet HTML 1Page - NXP Semiconductors BF324 Datasheet HTML 2Page - NXP Semiconductors BF324 Datasheet HTML 3Page - NXP Semiconductors BF324 Datasheet HTML 4Page - NXP Semiconductors BF324 Datasheet HTML 5Page - NXP Semiconductors BF324 Datasheet HTML 6Page - NXP Semiconductors BF324 Datasheet HTML 7Page - NXP Semiconductors BF324 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of September 1994
File under Discrete Semiconductors, SC04
1997 Jul 07
DISCRETE SEMICONDUCTORS
BF324
PNP medium frequency transistor
book, halfpage
M3D186


Similar Part No. - BF324

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF324 SIEMENS-BF324 Datasheet
88Kb / 4P
PNP SILICON RF TRANSISTOR
logo
List of Unclassifed Man...
BF3240-20B ETC2-BF3240-20B Datasheet
427Kb / 1P
MINIATURE COLD CATHODE FLUORESCENT LAMP
BF3240-UV1 ETC2-BF3240-UV1 Datasheet
513Kb / 1P
MINIATURE 3.2mm 365nm UV-CCFL
More results

Similar Description - BF324

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF450 PHILIPS-BF450 Datasheet
54Kb / 8P
PNP medium frequency transistor
1997 Jul 11
BF550 PHILIPS-BF550 Datasheet
41Kb / 8P
PNP medium frequency transistor
1999 Apr 15
BF824 PHILIPS-BF824 Datasheet
41Kb / 8P
PNP medium frequency transistor
1999 Apr 15
logo
Guangdong Kexin Industr...
BF550 KEXIN-BF550 Datasheet
36Kb / 1P
PNP Medium Frequency Transistor
BF824W KEXIN-BF824W Datasheet
46Kb / 1P
PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF824 NXP-BF824 Datasheet
104Kb / 6P
PNP medium frequency transistor
2004 Jan 16
BF824 PHILIPS-BF824_15 Datasheet
104Kb / 6P
PNP medium frequency transistor
2004 Jan 16
BF824W PHILIPS-BF824W_15 Datasheet
105Kb / 6P
PNP medium frequency transistor
1999 Apr 15
BF550 PHILIPS-BF550_15 Datasheet
100Kb / 6P
PNP medium frequency transistor
2004 Jan 16
logo
Nexperia B.V. All right...
BF824 NEXPERIA-BF824 Datasheet
282Kb / 7P
PNP medium frequency transistor
2004 Jan 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com