Electronic Components Datasheet Search
  English  ▼

X  

BF324 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF324
Description  PNP medium frequency transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF324 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF324 Datasheet HTML 1Page - NXP Semiconductors BF324 Datasheet HTML 2Page - NXP Semiconductors BF324 Datasheet HTML 3Page - NXP Semiconductors BF324 Datasheet HTML 4Page - NXP Semiconductors BF324 Datasheet HTML 5Page - NXP Semiconductors BF324 Datasheet HTML 6Page - NXP Semiconductors BF324 Datasheet HTML 7Page - NXP Semiconductors BF324 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jul 07
3
Philips Semiconductors
Product specification
PNP medium frequency transistor
BF324
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−30
V
VCEO
collector-emitter voltage
open base
−−30
V
VEBO
emitter-base voltage
open collector
−−4V
IC
collector current (DC)
−−25
mA
ICM
peak collector current
−−25
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient note 1
420
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−−50
nA
IEBO
emitter cut-off current
IC = 0; VEB = −4V
−−−100
nA
hFE
DC current gain
VCE = −10 V
IC = −1mA
−
45
−
IC = −4mA
25
−−
VBE
base-emitter voltage
IC = −4 mA; VCE = −10 V
−
760
−
mV
Crb
feedback capacitance
IC = 0; VCE = −10 V; f = 1 MHz
−−
0.3
pF
fT
transition frequency
VCE = −10 V; f = 100 MHz
IC = −1mA
−
350
−
MHz
IC = −4 mA
400
450
−
MHz
IC = −8mA
−
440
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com