Electronic Components Datasheet Search
  English  ▼

X  

BF421 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF421
Description  PNP high-voltage transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF421 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF421 Datasheet HTML 1Page - NXP Semiconductors BF421 Datasheet HTML 2Page - NXP Semiconductors BF421 Datasheet HTML 3Page - NXP Semiconductors BF421 Datasheet HTML 4Page - NXP Semiconductors BF421 Datasheet HTML 5Page - NXP Semiconductors BF421 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2004 Nov 10
2
Philips Semiconductors
Product specification
PNP high voltage transistors
BF421; BF423
FEATURES
• Low feedback capacitance.
APPLICATIONS
• Class-B video output stages in colour television and
professional monitor equipment.
DESCRIPTION
PNP transistors in a TO-92 plastic package.
NPN complements: BF420 and BF422.
PINNING
PIN
DESCRIPTION
1
base
2
collector
3
emitter
handbook, halfpage1
3
2
MAM285
2
1
3
Fig.1
Simplified outline (TO-92) and symbol.
ORDERING INFORMATION
QUICK REFERENCE DATA
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BF421
SC-43A
plastic single-ended leaded (through hole) package; 3 leads
SOT54
BF423
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BF421
−−300
V
BF423
−−250
V
VCEO
collector-emitter voltage
open base
BF421
−−300
V
BF423
−−250
V
ICM
peak collector current
−−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−
830
mW
hFE
DC current gain
VCE = −20 V; IC = −25 mA
50
−
Cre
feedback capacitance
VCE = −30 V; IC =ic = 0 A; f = 1 MHz
−
1.6
pF
fT
transition frequency
VCE = −10 V; IC = −10 mA; f = 100 MHz
60
−
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com