Electronic Components Datasheet Search
  English  ▼

X  

BF421 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF421
Description  PNP high-voltage transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF421 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF421 Datasheet HTML 1Page - NXP Semiconductors BF421 Datasheet HTML 2Page - NXP Semiconductors BF421 Datasheet HTML 3Page - NXP Semiconductors BF421 Datasheet HTML 4Page - NXP Semiconductors BF421 Datasheet HTML 5Page - NXP Semiconductors BF421 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2004 Nov 10
3
Philips Semiconductors
Product specification
PNP high voltage transistors
BF421; BF423
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Transistor mounted on a printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on a printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BF421
−−300
V
BF423
−−250
V
VCEO
collector-emitter voltage
open base
BF421
−−300
V
BF423
−−250
V
VEBO
emitter-base voltage
open collector
−−5V
IC
collector current (DC)
−−50
mA
ICM
peak collector current
−−100
mA
IBM
peak base current
−−50
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
830
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
note 1
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = −200 V; IE =0 A
−−10
nA
VCB = −200 V; IE = 0 A; Tj = 150 °C
−−10
µA
IEBO
emitter-base cut-off current
VEB = −5 V; IC =0 A
−−50
nA
hFE
DC current gain
VCE = −20 V; IC = −25 mA
50
−
VCEsat
collector-emitter saturation voltage
IC = −30 mA; IB = −5mA
−−0.6
V
Cre
feedback capacitance
VCE = −30 V; IC =ic = 0 A; f = 1 MHz
−
1.6
pF
fT
transition frequency
VCE = −10 V; IC = −10 mA; f = 100 MHz
60
−
MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com